データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ140A データシート (PDF) - Socay Electornics Co., Ltd.

SMAJ140A Datasheet PDF - Socay Electornics Co., Ltd.
部品番号 SMAJ140A
ダウンロード  SMAJ140A ダウンロード

ファイルサイズ   621.48 Kbytes
ページ   7 Pages
メーカー  SOCAY [Socay Electornics Co., Ltd.]
ホームページ  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.
部品情報 Surface Mount Transient Voltage Suppressors (TVS)

SMAJ140A Datasheet (PDF)

Go To PDF Page ダウンロード データシート
SMAJ140A Datasheet PDF - Socay Electornics Co., Ltd.

部品番号 SMAJ140A
ダウンロード  SMAJ140A Click to download

ファイルサイズ   621.48 Kbytes
ページ   7 Pages
メーカー  SOCAY [Socay Electornics Co., Ltd.]
ホームページ  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.
部品情報 Surface Mount Transient Voltage Suppressors (TVS)

SMAJ140A データシート (HTML) - Socay Electornics Co., Ltd.

SMAJ140A Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMAJ140A Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMAJ140A Datasheet HTML 3Page - Socay Electornics Co., Ltd. SMAJ140A Datasheet HTML 4Page - Socay Electornics Co., Ltd. SMAJ140A Datasheet HTML 5Page - Socay Electornics Co., Ltd. SMAJ140A Datasheet HTML 6Page - Socay Electornics Co., Ltd. SMAJ140A Datasheet HTML 7Page - Socay Electornics Co., Ltd.

SMAJ140A 製品詳細

Description
The SMAJ series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events.

Features
✦ For surface mounted applications in order to optimize board space
✦ Low leakage
✦ Uni and Bidirectional unit
✦ Glass passivated junction
✦ Low inductance
✦ Excellent clamping capability
✦ 400W Peak power capability at 10 × 1000µs waveform Repetition rate
   (duty cycle):0.01%
✦ Fast response time: typically less than 1.0ps from 0 Volts to VBR min
✦ Typical IR less than 5μA above 12V
✦ High Temperature soldering: 260°C/40 seconds at terminals
✦ Typical maximum temperature coefficient ΔVBR = 0.1% ×
   VBR@25°C× ΔT
✦ Plastic package has Underwriters Laboratory Flammability 94V-0
✦ Matte tin lead–free Plated
✦ Halogen free and RoHS compliant
✦ Typical failure mode is short from over-specified voltage or current
✦ Whisker test is conducted based on JEDEC JESD201A per its table
   4a and 4c
✦ IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact)
✦ ESD protection of data lines in accordance with IEC 61000-4-2
   (IEC801-2)
✦ EFT protection of data lines in accordance with IEC 61000-4-4
   (IEC801-4)

Applications
   TVS devices are ideal for the protection of I/O interfaces,
   VCC bus and other vulnerable circuits used in Telecom,
   Computer, Industrial and Consumer electronic applications.




同様の部品番号 - SMAJ140A

メーカー部品番号データシート部品情報
logo
Shenzhen Luguang Electr...
SMAJ140A LUGUANG-SMAJ140A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
AVX Corporation
SMAJ140A AVX-SMAJ140A Datasheet
651Kb / 10P
   Transient Suppression Diodes For General Purpose Use
logo
Socay Electornics Co., ...
SMAJ140A SOCAY-SMAJ140A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ140A SOCAY-SMAJ140A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
SeCoS Halbleitertechnol...
SMAJ140A SECOS-SMAJ140A Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
More results


同様の説明 - SMAJ140A

メーカー部品番号データシート部品情報
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results



リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com