データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1524A データシート (PDF) - Gennum Corporation

GS1524A Datasheet PDF - Gennum Corporation
部品番号 GS1524A
ダウンロード  GS1524A ダウンロード

ファイルサイズ   681.58 Kbytes
ページ   16 Pages
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation
部品情報 GS1524A Adaptive Cable Equalizer

GS1524A Datasheet (PDF)

Go To PDF Page ダウンロード データシート
GS1524A Datasheet PDF - Gennum Corporation

部品番号 GS1524A
ダウンロード  GS1524A Click to download

ファイルサイズ   681.58 Kbytes
ページ   16 Pages
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation
部品情報 GS1524A Adaptive Cable Equalizer

GS1524A データシート (HTML) - Gennum Corporation

Back Button GS1524A Datasheet HTML 1Page - Gennum Corporation GS1524A Datasheet HTML 2Page - Gennum Corporation GS1524A Datasheet HTML 3Page - Gennum Corporation GS1524A Datasheet HTML 4Page - Gennum Corporation GS1524A Datasheet HTML 5Page - Gennum Corporation GS1524A Datasheet HTML 6Page - Gennum Corporation GS1524A Datasheet HTML 7Page - Gennum Corporation GS1524A Datasheet HTML 8Page - Gennum Corporation GS1524A Datasheet HTML 9Page - Gennum Corporation GS1524A Datasheet HTML 10Page - Gennum Corporation Next Button 

GS1524A 製品詳細

Description
The GS1524A is a second-generation high-speed BiCMOS integrated circuit designed to equalize and restore signals received over 75Ω co-axial cable.
The GS1524A is designed to support SMPTE 292M, SMPTE 344M and SMPTE 259M, and is optimized for performance at 270Mb/s and 1.485Gb/s.
The GS1524A features DC restoration to compensate for the DC content of SMPTE pathological test patterns. The device also incorporates a Cable Length Indicator (CLI) that provides an indication of the amount of cable being equalized for data rates up to 360Mb/s.

Features
• SMPTE 292M, SMPTE 344M and SMPTE 259M compliant
• Automatic cable equalization
• Multi-standard operation from 143Mb/s to 1.485Gb/s
• Supports DVB-ASI at 270Mb/s
• Pb-free and RoHS Compliant
• Pin compatible with the GS9064 Cable Equalizer
• Manual bypass (useful for low data rates with slow rise/fall times)
• Performance optimized for 270Mb/s and 1.485Gb/s
• Typical equalized length of Belden 1694A cable: 200m at 1.485Gb/s, 350m at 270Mb/s
• 50Ω differential output (with internal 50Ω pull-ups)
• Manual output mute or programmable mute based on max cable length adjust
• Cable length indicator for SMPTE 259M inputs
• Single 3.3V power supply operation
• Operating temperature range: 0°C to +70°C

Applications
• SMPTE 292M, SMPTE 344M and SMPTE 259M Coaxial Cable Serial Digital Interfaces.




同様の部品番号 - GS1524A

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524ACKDE3 GENNUM-GS1524ACKDE3 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
GS1524ACTDE3 GENNUM-GS1524ACTDE3 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
More results


同様の説明 - GS1524A

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
More results




Gennum Corporation について


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com