データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28208FUZ データシート (PDF) - Intersil Corporation

ISL28208FUZ Datasheet PDF - Intersil Corporation
部品番号 ISL28208FUZ
ダウンロード  ISL28208FUZ ダウンロード

ファイルサイズ   1221.74 Kbytes
ページ   34 Pages
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
部品情報 40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers

ISL28208FUZ Datasheet (PDF)

Go To PDF Page ダウンロード データシート
ISL28208FUZ Datasheet PDF - Intersil Corporation

部品番号 ISL28208FUZ
ダウンロード  ISL28208FUZ Click to download

ファイルサイズ   1221.74 Kbytes
ページ   34 Pages
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
部品情報 40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers

ISL28208FUZ データシート (HTML) - Intersil Corporation

Back Button ISL28208FUZ Datasheet HTML 1Page - Intersil Corporation ISL28208FUZ Datasheet HTML 2Page - Intersil Corporation ISL28208FUZ Datasheet HTML 3Page - Intersil Corporation ISL28208FUZ Datasheet HTML 4Page - Intersil Corporation ISL28208FUZ Datasheet HTML 5Page - Intersil Corporation ISL28208FUZ Datasheet HTML 6Page - Intersil Corporation ISL28208FUZ Datasheet HTML 7Page - Intersil Corporation ISL28208FUZ Datasheet HTML 8Page - Intersil Corporation ISL28208FUZ Datasheet HTML 9Page - Intersil Corporation ISL28208FUZ Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL28208FUZ 製品詳細

The ISL28108, ISL28208 and ISL28408 are single, dual and
quad low power precision amplifiers optimized for single
supply applications. These devices feature a common mode
input voltage range extending to 0.5V below the V- rail, a
rail-to-rail differential input voltage range for use as a
comparator, and rail-to-rail output voltage swing, which make
them ideal for single supply applications where input
operation at ground is important.
Added features include low offset voltage, and low
temperature drift making them the ideal choice for
applications requiring high DC accuracy. The output stage is
capable of driving large capacitive loads from rail-to-rail for
excellent ADC driving performance. The devices can operate
for single or dual supply from 3V (±1.5V) to 40V (±20V) and are
fully characterized at ±5V and ±15V. The combination of
precision, low power, and small footprint provide the user with
outstanding value and flexibility relative to similar competitive
parts.
Applications for these amplifiers include precision
instrumentation, data acquisition, precision power supply
control, and industrial control.
The ISL28108 single is offered in 8 Ld TDFN, MSOP and SOIC
packages. The ISL28208 dual amplifier is offered in 8 Ld
TDFN, MSOP, and SOIC packages. The ISL28408 is offered in
14 Ld SOIC package. All devices are offered in standard pin
configurations and operate over the extended temperature
range of -40°C to +125°C.

Features
• Single or dual supply, rail-to-rail output and below ground (V-)
input capability
• Rail-to-rail input differential voltage range for comparator
applications
• Single supply range . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 40V
• Low current consumption (VS = ±5V). . . . . . . . . . . . . . . 165µA
• Low noise voltage. . . . . . . . . . . . . . . . . . . . . . . . . . 15.8nV/√Hz
• Low noise current. . . . . . . . . . . . . . . . . . . . . . . . . . . . 80fA/√Hz
• Low input offset voltage (ISL28108) . . . . . . . . . . . . . . 150µV
• Superb temperature drift
- Voltage offset TC . . . . . . . . . . . . . . . . . . . . . . 0.1µV/°C, Typ
• Low input bias current. . . . . . . . . . . . . . . . . . . . . . . . -13nA Typ
• Operating temperature range. . . . . . . . . . . .-40°C to +125°C
• No phase reversal

Applications
• Precision instruments
• Medical instrumentation
• Data acquisition
• Power supply control
• Industrial process control




同様の部品番号 - ISL28208FUZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28208FUZ INTERSIL-ISL28208FUZ Datasheet
1Mb / 25P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28208FUZ INTERSIL-ISL28208FUZ Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28208FUZ RENESAS-ISL28208FUZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
More results


同様の説明 - ISL28208FUZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108 INTERSIL-ISL28108 Datasheet
1Mb / 25P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results




Intersil Corporation について


Intersil Corporationは、高性能アナログと混合シグナル統合回路の設計と製造に特化したアメリカの半導体会社でした。
同社は1967年に設立され、電力管理、データ変換、無線頻度(RF)テクノロジーの専門知識で知られています。
Intersilの製品は、家電、産業、通信、航空宇宙と防衛などの幅広いアプリケーションで使用されていました。
2016年、Intersilは日本の半導体会社であるRenesas Electronics Corporationに買収されました。
Intersilのブランドとテクノロジーは、Renesasの製品ポートフォリオの一部として開発および販売され続けています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com