データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL78171ARZ データシート (PDF) - Intersil Corporation

ISL78171ARZ Datasheet PDF - Intersil Corporation
部品番号 ISL78171ARZ
ダウンロード  ISL78171ARZ ダウンロード

ファイルサイズ   931.62 Kbytes
ページ   29 Pages
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
部品情報 6-Channel, 50mA Automotive LED Driver with Ultra-high Dimming Ratio and Phase Shift Control

ISL78171ARZ Datasheet (PDF)

Go To PDF Page ダウンロード データシート
ISL78171ARZ Datasheet PDF - Intersil Corporation

部品番号 ISL78171ARZ
ダウンロード  ISL78171ARZ Click to download

ファイルサイズ   931.62 Kbytes
ページ   29 Pages
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
部品情報 6-Channel, 50mA Automotive LED Driver with Ultra-high Dimming Ratio and Phase Shift Control

ISL78171ARZ データシート (HTML) - Intersil Corporation

Back Button ISL78171ARZ Datasheet HTML 1Page - Intersil Corporation ISL78171ARZ Datasheet HTML 2Page - Intersil Corporation ISL78171ARZ Datasheet HTML 3Page - Intersil Corporation ISL78171ARZ Datasheet HTML 4Page - Intersil Corporation ISL78171ARZ Datasheet HTML 5Page - Intersil Corporation ISL78171ARZ Datasheet HTML 6Page - Intersil Corporation ISL78171ARZ Datasheet HTML 7Page - Intersil Corporation ISL78171ARZ Datasheet HTML 8Page - Intersil Corporation ISL78171ARZ Datasheet HTML 9Page - Intersil Corporation ISL78171ARZ Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL78171ARZ 製品詳細

ISL78171 is a 6-channel, 50mA, LED driver capable of very
high dynamic range dimming. It offers an integrated boost
converter, six high precision, adjustable current sinks and a
SMBus/I2C interface for digital programmability and extensive
diagnostics. These features provide the ISL78171 with the
necessary capabilities to design compact, highly versatile LED
backlight for a wide variety of ambient lighting conditions.
The integrated peak current mode PWM boost converter
operates with a constant frequency and can boost an input
voltage range of 4.5V - 26.5V to an output up to 40V and supply
six strings of LEDs with up to 50mA each. A dynamic headroom
control circuit detects and regulates the highest voltage string to
improve efficiency in multistring configurations.
The six high precision adjustable current sinks offer typical
current matching better than ±1% and a dimming ratio that is
capable of exceeding 60,000:1. The dimming ratio can be
adjusted with either or both the I2C/SMBus and an external
PWM signal. They also feature an optional channel phase shift
control which helps to reduce the input and output
capacitance and ripple, to improve efficiency and to prevent
audible noise.
The SMBus/I2C interface offers a wide range of
programmability that includes the boost FET slew rate control,
individual string enabling and converter switching frequency
selections. It offers a wide range of protection features and
diagnostics that cover all perceivable faults, enabling the
system to self-diagnose the functioning of the backlight and
react to such conditions as failed LEDs. The ISL78171 is offered
in a compact and thermally efficient 20 Ld QFN package with an
ambient temperature range of -40°C to +105°C.

Features
• 6 channels at 50mA maximum per channel
• Input voltage: 4.5V to 26.5V, output voltage: 40V max
• Bootstrap operation Input:3V to 21V output: 26.5V max
• PWM dimming with phase shift control
• SMBus/I2C controlled PWM or DC dimming
• Direct PWM dimming
• Internal PWM dimming mode linearity: 0.4% to 100%,
dimming frequency <30kHz
• Direct PWM dimming duty cycle linearity: 0.007% to 100%
at a dimming frequency of 200Hz
• Current matching ±0.7% typ
• 600kHz/800kHz/1.2MHz selectable switching frequency
• Dynamic headroom control
• Fault protection
- String open/short circuit, OVP, OTP and optional output
short circuit fault protection
• AEC-Q100 qualified

Applications
• Infotainment display LED backlighting
• LCD monitor LED backlighting
• Field sequential RGB LED backlighting




同様の部品番号 - ISL78171ARZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL78171ARZ RENESAS-ISL78171ARZ Datasheet
1Mb / 29P
   6-Channel, 50mA Automotive LED Driver with Ultra-High Dimming Ratio and Phase Shift Control
ISL78171ARZ-EVALZ RENESAS-ISL78171ARZ-EVALZ Datasheet
1Mb / 29P
   6-Channel, 50mA Automotive LED Driver with Ultra-High Dimming Ratio and Phase Shift Control
More results


同様の説明 - ISL78171ARZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL78171 RENESAS-ISL78171 Datasheet
1Mb / 29P
   6-Channel, 50mA Automotive LED Driver with Ultra-High Dimming Ratio and Phase Shift Control
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
logo
Intersil Corporation
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97676 RENESAS-ISL97676 Datasheet
1Mb / 19P
   6-Channel LED Driver with Phase Shift Control
Sep 12, 2017
logo
Intersil Corporation
ISL97676 INTERSIL-ISL97676 Datasheet
619Kb / 20P
   6-Channel LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97671 RENESAS-ISL97671 Datasheet
1Mb / 27P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
Sep 7, 2017
ISL97671A RENESAS-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
logo
Intersil Corporation
ISL97671 INTERSIL-ISL97671_10 Datasheet
626Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671A INTERSIL-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
More results




Intersil Corporation について


Intersil Corporationは、高性能アナログと混合シグナル統合回路の設計と製造に特化したアメリカの半導体会社でした。
同社は1967年に設立され、電力管理、データ変換、無線頻度(RF)テクノロジーの専門知識で知られています。
Intersilの製品は、家電、産業、通信、航空宇宙と防衛などの幅広いアプリケーションで使用されていました。
2016年、Intersilは日本の半導体会社であるRenesas Electronics Corporationに買収されました。
Intersilのブランドとテクノロジーは、Renesasの製品ポートフォリオの一部として開発および販売され続けています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com