データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C470XT290-S2100-A データシート (PDF) - Cree, Inc

C470XT290-S2100-A Datasheet PDF - Cree, Inc
部品番号 C470XT290-S2100-A
ダウンロード  C470XT290-S2100-A ダウンロード

ファイルサイズ   238.13 Kbytes
ページ   6 Pages
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc
部品情報 Low Forward Voltage - 3.2 Typical at 20 mA

C470XT290-S2100-A Datasheet (PDF)

Go To PDF Page ダウンロード データシート
C470XT290-S2100-A Datasheet PDF - Cree, Inc

部品番号 C470XT290-S2100-A
ダウンロード  C470XT290-S2100-A Click to download

ファイルサイズ   238.13 Kbytes
ページ   6 Pages
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc
部品情報 Low Forward Voltage - 3.2 Typical at 20 mA

C470XT290-S2100-A データシート (HTML) - Cree, Inc

C470XT290-S2100-A Datasheet HTML 1Page - Cree, Inc C470XT290-S2100-A Datasheet HTML 2Page - Cree, Inc C470XT290-S2100-A Datasheet HTML 3Page - Cree, Inc C470XT290-S2100-A Datasheet HTML 4Page - Cree, Inc C470XT290-S2100-A Datasheet HTML 5Page - Cree, Inc C470XT290-S2100-A Datasheet HTML 6Page - Cree, Inc



同様の部品番号 - C470XT290-S2100-A

メーカー部品番号データシート部品情報
logo
Cree, Inc
C470XT290-SXX00-A CREE-C470XT290-SXX00-A Datasheet
256Kb / 6P
   XThin짰 LEDs
C470XT290-SXX00-X CREE-C470XT290-SXX00-X Datasheet
258Kb / 6P
   XThin짰 LEDs
More results


同様の説明 - C470XT290-S2100-A

メーカー部品番号データシート部品情報
logo
Cree, Inc
C460MB290-S0800 CREE-C460MB290-S0800 Datasheet
527Kb / 5P
   Low Forward Voltage 3.2 V Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600_16 Datasheet
196Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600 Datasheet
387Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT290-S0200 CREE-C460RT290-S0200_16 Datasheet
203Kb / 4P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C450TR3547-S7500 CREE-C450TR3547-S7500_16 Datasheet
356Kb / 5P
   Low forward voltage - 3.2 Vf typical at 50 mA
C450TR5270M-S20000 CREE-C450TR5270M-S20000_16 Datasheet
515Kb / 6P
   Low Forward Voltage -3.2 V Typical at 120 mA
C450TR3547M-S7600 CREE-C450TR3547M-S7600 Datasheet
289Kb / 5P
   Low Forward Voltage - 3.2 Vf Typical at 50 mA
C450TR5270-S20000 CREE-C450TR5270-S20000_16 Datasheet
552Kb / 6P
   Low Forward Voltage - 3.2 V Typical at 120 mA
C460RT230-S0200 CREE-C460RT230-S0200_16 Datasheet
248Kb / 4P
   Low Forward Voltage 3.1 V Typical at 20 mA - Blue & Traffic Green, 3.2 V Typical at 20 mA Green
C460UT230-S0100 CREE-C460UT230-S0100_16 Datasheet
208Kb / 4P
   Low Forward Voltage 3.3V Typical at 20 mA
More results




Cree, Inc について


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com