データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7091R-8BCPZ データシート (PDF) - Analog Devices

AD7091R-8BCPZ Datasheet PDF - Analog Devices
部品番号 AD7091R-8BCPZ
ダウンロード  AD7091R-8BCPZ ダウンロード

ファイルサイズ   861.82 Kbytes
ページ   42 Pages
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices
部品情報 2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC

AD7091R-8BCPZ Datasheet (PDF)

Go To PDF Page ダウンロード データシート
AD7091R-8BCPZ Datasheet PDF - Analog Devices

部品番号 AD7091R-8BCPZ
ダウンロード  AD7091R-8BCPZ Click to download

ファイルサイズ   861.82 Kbytes
ページ   42 Pages
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices
部品情報 2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC

AD7091R-8BCPZ データシート (HTML) - Analog Devices

Back Button AD7091R-8BCPZ Datasheet HTML 1Page - Analog Devices AD7091R-8BCPZ Datasheet HTML 2Page - Analog Devices AD7091R-8BCPZ Datasheet HTML 3Page - Analog Devices AD7091R-8BCPZ Datasheet HTML 4Page - Analog Devices AD7091R-8BCPZ Datasheet HTML 5Page - Analog Devices AD7091R-8BCPZ Datasheet HTML 6Page - Analog Devices AD7091R-8BCPZ Datasheet HTML 7Page - Analog Devices AD7091R-8BCPZ Datasheet HTML 8Page - Analog Devices AD7091R-8BCPZ Datasheet HTML 9Page - Analog Devices AD7091R-8BCPZ Datasheet HTML 10Page - Analog Devices Next Button 

AD7091R-8BCPZ 製品詳細

GENERAL DESCRIPTION
The AD7091R-2/AD7091R-4/AD7091R-8 family is a multichannel 12-bit, ultralow power, successive approximation analog-to-digital converter (ADC) that is available in two, four, or eight analog input channel options. The AD7091R-2/AD7091R-4/AD7091R-8 operate from a single 2.7 V to 5.25 V power supply and are capable of achieving a sampling rate of 1 MSPS.

FEATURES
   Ultralow system power
      Flexible power/throughput rate management
      Normal mode
         1.4 mW at 1 MSPS
      Power-down mode
         550 nA typical at VDD = 5.25 V
         435 nA typical at VDD = 3 V
      Programmable ALERT interrupt pin (4-/8-channel models)
   High performance
      1 MSPS throughput with no latency/pipeline delay
      SNR: 70 dB typical at 10 kHz input frequency
      THD: −80 dB typical at 10 kHz input frequency
      INL: ±0.7 LSB typical, ±1.0 LSB maximum
   Small system footprint
      On-chip accurate 2.5 V reference, 5 ppm/°C typical drift
      MUXOUT/ADCIN to allow single buffer amplifier
      Daisy-chain mode
      16-lead, 20-lead, and 24-lead 4 mm × 4 mm LFCSP packages
      16-lead, 20-lead, and 24-lead TSSOP packages
   Easy to use
      SPI/QSPI™/MICROWIRE™/DSP compatible digital interface
      Integrated programmable channel sequencer
      BUSY indication available (4-/8-channel models)
   Built in features for control and monitoring applications
      GPOx pins available (4-/8-channel models)
   Wide operating range
      Temperature range: −40°C to +125°C
      Specified for VDD of 2.7 V to 5.25 V
  
APPLICATIONS
   Battery-powered systems
   Personal digital assistants
   Medical instruments
   Mobile communications
   Instrumentation and control systems
   Data acquisition systems
   Optical sensors
   Diagnostic/monitoring functions




同様の部品番号 - AD7091R-8BCPZ

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AD7091R-8BRUZ ETC2-AD7091R-8BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
AD7091R-8BRUZ-RL7 ETC2-AD7091R-8BRUZ-RL7 Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
More results


同様の説明 - AD7091R-8BCPZ

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
List of Unclassifed Man...
AD7091R-2BRUZ ETC2-AD7091R-2BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
logo
Analog Devices
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
More results




Analog Devices について


Analog Devices、Inc。(ADI)は、高性能アナログ、混合シグナル、およびデジタル信号処理(DSP)統合回路(ICS)を設計、開発、製造する公開企業です。
同社は1965年に設立され、マサチューセッツ州ノーウッドに本社を置いています。
ADIは、航空宇宙と防衛、自動車、通信、消費者、産業、医療、テストと測定など、幅広い産業にサービスを提供しています。
同社の製品ポートフォリオには、データコンバーター、アンプとコンパレータ、電源管理ICS、マイクロコントローラー、センサー、無線周波数(RF)およびマイクロ波コンポーネントなどが含まれます。
ADIはイノベーションと顧客満足度に専念しており、ニーズを満たすために高品質で信頼できるソリューションを顧客に提供することに取り組んでいます。
エネルギー効率と持続可能性に焦点を当てたADIは、アナログおよび混合シグナルIC業界のリーダーであり、技術の進歩を推進し、世界で最も挑戦的な問題に革新的なソリューションを提供しています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com