データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CJU1117-5.0 データシート (PDF) - ZP Semiconductor

CJU1117-5.0 Datasheet PDF - ZP Semiconductor
部品番号 CJU1117-5.0
ダウンロード  CJU1117-5.0 ダウンロード

ファイルサイズ   1261.35 Kbytes
ページ   8 Pages
メーカー  ZPSEMI [ZP Semiconductor]
ホームページ  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor
部品情報 1A LOW DROPOUT LINEAR REGULATOR

CJU1117-5.0 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
CJU1117-5.0 Datasheet PDF - ZP Semiconductor

部品番号 CJU1117-5.0
ダウンロード  CJU1117-5.0 Click to download

ファイルサイズ   1261.35 Kbytes
ページ   8 Pages
メーカー  ZPSEMI [ZP Semiconductor]
ホームページ  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor
部品情報 1A LOW DROPOUT LINEAR REGULATOR

CJU1117-5.0 データシート (HTML) - ZP Semiconductor

CJU1117-5.0 Datasheet HTML 1Page - ZP Semiconductor CJU1117-5.0 Datasheet HTML 2Page - ZP Semiconductor CJU1117-5.0 Datasheet HTML 3Page - ZP Semiconductor CJU1117-5.0 Datasheet HTML 4Page - ZP Semiconductor CJU1117-5.0 Datasheet HTML 5Page - ZP Semiconductor CJU1117-5.0 Datasheet HTML 6Page - ZP Semiconductor CJU1117-5.0 Datasheet HTML 7Page - ZP Semiconductor CJU1117-5.0 Datasheet HTML 8Page - ZP Semiconductor

CJU1117-5.0 製品詳細

GENERAL DESCRIPTION

The CJ1117 is a series of low dropout three-terminal regulators with a dropout of 1.15V at 1A output current.

The CJ1117 series provides current limiting and thermal shutdown. Its circuit includes a trimmed bandgap reference to assure output voltage accuracy to be within 1%. Current limit is trimmed to ensure specified output Current and controlled short-circuit current. On-chip thermal shutdown provides protection against any combination of overload and ambient temperature that would create excessive junction temperature.

The CJ1117 has an adjustable version, that can provide the output voltage from 1.25V to 5V with only 2 external resistors.

The CJ1117 series is available in the industry standard SOT-223,SOT-89,TO-220,TO-252 and TO-263 power packages.



FEATURES

• Low Dropout Voltage: 1.15V at 1A Output Current

• Trimmed Current Limit

• On-Chip Thermal Shutdown

• Three-Terminal Adjustable or Fixed 1.5V, 1.8V, 2.5V, 3.3V, 5V

• Operation junction Temperature: 0 ℃ to125℃



APPLICATIONS

• PC Motherboard

• LCD Monitor

• Graphic Card

• DVD-Video player

• NIC/Switch

• Telecom Modem

• ADSL Modem

• Printer and other peripheral Equipment



 




同様の部品番号 - CJU1117-5.0

メーカー部品番号データシート部品情報
logo
ZP Semiconductor
CJU1117-5.0 ZPSEMI-CJU1117-5.0 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJU1117-5.0 ZPSEMI-CJU1117-5.0 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJU1117-5.0 ZPSEMI-CJU1117-5.0 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJU1117-5.0 ZPSEMI-CJU1117-5.0 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJU1117-5.0 ZPSEMI-CJU1117-5.0 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results


同様の説明 - CJU1117-5.0

メーカー部品番号データシート部品情報
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results



リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com