メーカー | 部品番号 | データシート | 部品情報 |
Molex Electronics Ltd. |
SD-120108-013
|
85Kb / 1P |
MICRO-CHANGE CABLE ASSY 4P M/MP ST D-CODE 24/4 UNSHIELDED PVC
|
1201080083
|
28Kb / 1P |
Micro-Change (M12) to Ultra-Lock (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Male (90°), 24 AWG, Unshielded PVC Cable, 2.0m (6.56) Length
12/02/2022 |
1201080155
|
28Kb / 2P |
Micro-Change (M12) to Ultra-Lock (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Male (90°), 24 AWG, Unshielded PVC Cable, 4.0m (13.12) Length
08/29/2022 |
1201080152
|
28Kb / 2P |
Micro-Change (M12) to Ultra-Lock (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Male (90°), 24 AWG, Unshielded PVC Cable, 3.0m (9.84) Length
09/01/2022 |
1201080081
|
28Kb / 1P |
Micro-Change (M12) to Ultra-Lock (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Male (90°), 24 AWG, Unshielded PVC Cable, 0.60m (1.97) Length
12/02/2022 |
1201080082
|
28Kb / 1P |
Micro-Change (M12) to Ultra-Lock (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Male (90°), 24 AWG, Unshielded PVC Cable, 1.0m (3.28) Length
10/07/2022 |
1300480162
|
27Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Male (90°), 24 AWG, PVC Cable, 2.0m (6.56) Length
01/31/2023 |
1300480160
|
28Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Male (90°), 24 AWG, PVC Cable, 0.60m (1.97) Length
01/31/2023 |
1300480163
|
27Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Male (90°), 24 AWG, PVC Cable, 3.0m (9.84) Length
02/03/2023 |
1300480165
|
27Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Male (90°), 24 AWG, PVC Cable, 10.0m (32.81) Length
02/02/2023 |