データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C412C472B3G5TA7200 データシート (PDF) - Kemet Corporation

C412C472B3G5TA7200 Datasheet PDF - Kemet Corporation
部品番号 C412C472B3G5TA7200
ダウンロード  C412C472B3G5TA7200 ダウンロード

ファイルサイズ   2553.6 Kbytes
ページ   15 Pages
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation
部品情報 Axial Leaded Multilayer Ceramic Capacitors

C412C472B3G5TA7200 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
C412C472B3G5TA7200 Datasheet PDF - Kemet Corporation

部品番号 C412C472B3G5TA7200
ダウンロード  C412C472B3G5TA7200 Click to download

ファイルサイズ   2553.6 Kbytes
ページ   15 Pages
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation
部品情報 Axial Leaded Multilayer Ceramic Capacitors

C412C472B3G5TA7200 データシート (HTML) - Kemet Corporation

Back Button C412C472B3G5TA7200 Datasheet HTML 1Page - Kemet Corporation C412C472B3G5TA7200 Datasheet HTML 2Page - Kemet Corporation C412C472B3G5TA7200 Datasheet HTML 3Page - Kemet Corporation C412C472B3G5TA7200 Datasheet HTML 4Page - Kemet Corporation C412C472B3G5TA7200 Datasheet HTML 5Page - Kemet Corporation C412C472B3G5TA7200 Datasheet HTML 6Page - Kemet Corporation C412C472B3G5TA7200 Datasheet HTML 7Page - Kemet Corporation C412C472B3G5TA7200 Datasheet HTML 8Page - Kemet Corporation C412C472B3G5TA7200 Datasheet HTML 9Page - Kemet Corporation C412C472B3G5TA7200 Datasheet HTML 10Page - Kemet Corporation Next Button 

C412C472B3G5TA7200 製品詳細

Overview
KEMET’s Aximax conformally coated axial leaded ceramic capacitors in C0G dielectric feature a 125°C maximum operating temperature. The Electronics Industries Alliance (EIA) characterizes C0G dielectric as a Class I “stable” material. Components of this classifcation are temperature compensating and are suited for resonant circuit applications or those where Q and stability of capacitance characteristics are required. C0G exhibits no change in capacitance with respect to time and voltage and boasts a negligible change in capacitance with reference to ambient temperature. Capacitance change is limited to ±30ppm/ºC from −55°C to +125°C.
These devices meet the flame test requirements outlined in UL Standard 94V–0.

Benefts
• Axial leaded form factor
• Conformally coated
• Operating temperature range of −55°C to +125°C
• Lead (Pb)-free, RoHS and REACH compliant
• DC voltage ratings of 25 V, 50 V, 100 V, 200 V and 250 V
• Capacitance offerings ranging from 1.0 pF up to 0.1 μF
• Available capacitance tolerances of ±0.1 pF, ±0.25 pF, ±0.5 pF, ±1%, ±2%, ±5%, and 10%
• Extremely low ESR and ESL
• High thermal stability
• High ripple current capability
• No capacitance change with respect to applied rated DC voltage
• Negligible capacitance change with respect to temperature from −55°C to +125°C
• No capacitance decay with time
• 100% pure matte tin-plated lead fnish allowing for excellent solderability
• SnPb-plated lead fnish option available upon request (Sn60/Pb40)
• Encapsulation meets flamability standard UL 94V–0
• Non-polar device, minimizing installation concerns

Applications
   Typical applications include critical timing, tuning, circuits requiring low loss, 
   circuits with pulse, high current, decoupling, bypass, fltering, transient voltage
   suppression, blocking and energy storage.




同様の部品番号 - C412C472B3G5TA7200

メーカー部品番号データシート部品情報
logo
Kemet Corporation
C412C472B3G5TA7200 KEMET-C412C472B3G5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
More results


同様の説明 - C412C472B3G5TA7200

メーカー部品番号データシート部品情報
logo
Kemet Corporation
C410C105K3R5TA9170 KEMET-C410C105K3R5TA9170 Datasheet
2Mb / 12P
   Axial Leaded Multilayer Ceramic Capacitors
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results



リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com