データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA1816-0000-000N00Q250H データシート (PDF) - Cree, Inc

CXA1816-0000-000N00Q250H Datasheet PDF - Cree, Inc
部品番号 CXA1816-0000-000N00Q250H
ダウンロード  CXA1816-0000-000N00Q250H ダウンロード

ファイルサイズ   2440.18 Kbytes
ページ   17 Pages
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc
部品情報 XLamp LED

CXA1816-0000-000N00Q250H Datasheet (PDF)

Go To PDF Page ダウンロード データシート
CXA1816-0000-000N00Q250H Datasheet PDF - Cree, Inc

部品番号 CXA1816-0000-000N00Q250H
ダウンロード  CXA1816-0000-000N00Q250H Click to download

ファイルサイズ   2440.18 Kbytes
ページ   17 Pages
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc
部品情報 XLamp LED

CXA1816-0000-000N00Q250H データシート (HTML) - Cree, Inc

Back Button CXA1816-0000-000N00Q250H Datasheet HTML 1Page - Cree, Inc CXA1816-0000-000N00Q250H Datasheet HTML 2Page - Cree, Inc CXA1816-0000-000N00Q250H Datasheet HTML 3Page - Cree, Inc CXA1816-0000-000N00Q250H Datasheet HTML 4Page - Cree, Inc CXA1816-0000-000N00Q250H Datasheet HTML 5Page - Cree, Inc CXA1816-0000-000N00Q250H Datasheet HTML 6Page - Cree, Inc CXA1816-0000-000N00Q250H Datasheet HTML 7Page - Cree, Inc CXA1816-0000-000N00Q250H Datasheet HTML 8Page - Cree, Inc CXA1816-0000-000N00Q250H Datasheet HTML 9Page - Cree, Inc CXA1816-0000-000N00Q250H Datasheet HTML 10Page - Cree, Inc Next Button 

CXA1816-0000-000N00Q250H 製品詳細

ProDuCt DEsCriPtion
The XLamp® CXA1816 LeD array expands Cree’s family of high‑flux, multi‑die arrays in a smaller, easy‑to‑use platform. With XLamp LED lighting‑class reliability, the CXA1816’s small, uniform emitting surface enables both directional and non‑directional lighting applications including lamp retroft and luminaire designs. Available in 2‑step, 3‑step and 4‑step color consistency, and featuring a 12‑mm optical source, the CXA1816 brings new levels of flux and effcacy to this form factor.

fEAturEs
• Available in 4‑step, 3‑step and 2‑step EasyWhite® bins at 2700 K, 3000 K, 3500 K, 4000 K & 5000 K CCT and 4‑step EasyWhite bins at 5700 K & 6500 K CCT
• Available in ANSI white bins at 4000 K, 5000 K, 5700 K & 6500 K CCT
• Available in 70‑, 80‑, 90‑ and 93‑minimum CRI options
• Forward voltage option: 36‑V class
• 85 °C binning and characterization
• Maximum drive current: 900 mA
• 115° viewing angle, uniform chromaticity profile
• Top‑side solder connections
• Thermocouple attach point
• NEMA SSL‑3 2011 standard flux bins
• RoHS and REACh compliant
• UL® recognized component (E349212)




同様の部品番号 - CXA1816-0000-000N00Q250H

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXA1816-0000-000N00Q250H CREE-CXA1816-0000-000N00Q250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
More results


同様の説明 - CXA1816-0000-000N00Q250H

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results




Cree, Inc について


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com