データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M5M44405CJ データシート (PDF) - Mitsubishi Electric Semiconductor

M5M44405CJ Datasheet PDF - Mitsubishi Electric Semiconductor
部品番号 M5M44405CJ
ダウンロード  M5M44405CJ ダウンロード

ファイルサイズ   246.48 Kbytes
ページ   27 Pages
メーカー  MITSUBISHI [Mitsubishi Electric Semiconductor]
ホームページ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
部品情報 EDO ( HYPER PAGE MODE ) 4194304-BIT ( 1048576-WORD BY 4-BIT ) DYNAMIC RAM

M5M44405CJ Datasheet (PDF)

Go To PDF Page ダウンロード データシート
M5M44405CJ Datasheet PDF - Mitsubishi Electric Semiconductor

部品番号 M5M44405CJ
ダウンロード  M5M44405CJ Click to download

ファイルサイズ   246.48 Kbytes
ページ   27 Pages
メーカー  MITSUBISHI [Mitsubishi Electric Semiconductor]
ホームページ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
部品情報 EDO ( HYPER PAGE MODE ) 4194304-BIT ( 1048576-WORD BY 4-BIT ) DYNAMIC RAM

M5M44405CJ データシート (HTML) - Mitsubishi Electric Semiconductor

Back Button M5M44405CJ Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M44405CJ Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M44405CJ Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M44405CJ Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M44405CJ Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M44405CJ Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M44405CJ Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M44405CJ Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M44405CJ Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M5M44405CJ Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button 

M5M44405CJ 製品詳細

DESCRIPTION
This is a family of 1048576-word by 4-bit dynamic RAMs, fabricated with the high performance CMOS process,and is ideal for largecapacity memory systems where high speed, low power dissipation, and low costs are essential.
The use of quadruple-layer polysilicon process combined with silicide technology and a single-transistor dynamic storage stacked capacitor cell provide high circuit density at reduced costs. Multiplexed address inputs permit both a reduction in pins and an increase in system densities.
Self or extended refresh current is low enough for battery back-up application.

FEATURES
● Standard 26 pin SOJ, 26 pin TSOP(II)
● Single 5V±10%supply
● Low stand-by power dissipation
   CMOS lnput level - - - - - - - - - - - - - 5.5mW (Max) *
   CMOS lnput level - - - - - - - - - - - - - 550µW (Max)
● Low operating power dissipation
   M5M44405Cxx-5,-5S - - - - - - - - - - -  687.5mW (Max)
   M5M44405Cxx-6,-6S - - - - - - - - - - -  550.0mW (Max)
   M5M44405Cxx-7,-7S - - - - - - - - - - -  467.5mW (Max)
● Self refresh capabiility *
   Self refresh current - - - - - - - - - - - - - - - 120µA(max)
● Extended refresh capability *
   Extended refresh current - - - - - - - - - - - 120µA(max)
● Hyper-page mode (1024-bit random access), Read-modify- write,
   RAS-only refresh CAS before RAS refresh, Hidden refresh, CBR
   self refresh(-5S,-6S,-7S) capabilities
● Early-write mode and OE and W to control output buffer impedance
● All inputs, output TTL compatible and low capacitance
● 1024 refresh cycles every 16.4ms (A0~A9)
● 1024refresh cycle every 128ms (A0~A9) *
● 4-bit parallel test mode capability
   * : Applicable to self refresh version (M5M44405CJ,TP-5S,-6S,-7S : option) only

APPLICATION
   Main memory unit for computers, Microcomputer memory, Refresh memory for CRT, Frame Buffer memory for CRT




同様の部品番号 - M5M44405CJ

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
M5M44400A MITSUBISHI-M5M44400A Datasheet
1Mb / 20P
   FAST PAGE MODE 4194304 BIT DYNAMIC RAM
M5M44400A-6 MITSUBISHI-M5M44400A-6 Datasheet
1Mb / 20P
   FAST PAGE MODE 4194304 BIT DYNAMIC RAM
M5M44400A-6L MITSUBISHI-M5M44400A-6L Datasheet
1Mb / 20P
   FAST PAGE MODE 4194304 BIT DYNAMIC RAM
M5M44400A-7 MITSUBISHI-M5M44400A-7 Datasheet
1Mb / 20P
   FAST PAGE MODE 4194304 BIT DYNAMIC RAM
M5M44400A-7L MITSUBISHI-M5M44400A-7L Datasheet
1Mb / 20P
   FAST PAGE MODE 4194304 BIT DYNAMIC RAM
More results


同様の説明 - M5M44405CJ

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
M5M4V4405CJ MITSUBISHI-M5M4V4405CJ Datasheet
299Kb / 27P
   EDO (HYPER PAGE MODE) 4194304-BIT(1048576-WORD BY 4-BIT) DYNAMIC RAM
M5M44265CJ MITSUBISHI-M5M44265CJ Datasheet
324Kb / 31P
   EDO (HYPER PAGE MODE) 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M4V4265CJ MITSUBISHI-M5M4V4265CJ Datasheet
317Kb / 31P
   EDO (HYPER PAGE) MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M44400BJ MITSUBISHI-M5M44400BJ Datasheet
1Mb / 24P
   FAST PAGE MODE 4194304-BIT(1048576-WORD BY 4-BIT)DYNAMIC RAM
MH4V6445BXJJ-5 MITSUBISHI-MH4V6445BXJJ-5 Datasheet
152Kb / 26P
   HYPER PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
MH4M365CXJ-5 MITSUBISHI-MH4M365CXJ-5 Datasheet
231Kb / 15P
   HYPER PAGE MODE 150994944-BIT ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
MH1M365CXJ-5 MITSUBISHI-MH1M365CXJ-5 Datasheet
215Kb / 15P
   HYPER PAGE MODE 37748736-BIT ( 1048576-WORD BY 36-BIT ) DYNAMIC RAM
M5M417400CJ MITSUBISHI-M5M417400CJ Datasheet
514Kb / 22P
   FAST PAGE MODE 16777216-BIT (4194304-WORD BY 4-BIT) DYNAMIC RAM
MH4M36CJD-5 MITSUBISHI-MH4M36CJD-5 Datasheet
130Kb / 14P
   FAST PAGE MODE ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
logo
Toshiba Semiconductor
TC5164805BJ TOSHIBA-TC5164805BJ Datasheet
1Mb / 24P
   8,388,608-WORD x8-BIT EDO (HYPER PAGE) DYNAMIC RAM
1998-03-04
More results



リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com