データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST72F324J2T6 データシート(PDF) 155 Page - STMicroelectronics

部品番号 ST72F324J2T6
部品情報  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J2T6 データシート(HTML) 155 Page - STMicroelectronics

Back Button ST72F324J2T6 Datasheet HTML 148Page - STMicroelectronics ST72F324J2T6 Datasheet HTML 149Page - STMicroelectronics ST72F324J2T6 Datasheet HTML 150Page - STMicroelectronics ST72F324J2T6 Datasheet HTML 151Page - STMicroelectronics ST72F324J2T6 Datasheet HTML 152Page - STMicroelectronics ST72F324J2T6 Datasheet HTML 153Page - STMicroelectronics ST72F324J2T6 Datasheet HTML 154Page - STMicroelectronics ST72F324J2T6 Datasheet HTML 155Page - STMicroelectronics ST72F324J2T6 Datasheet HTML 156Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 155 / 156 page
background image
ST72324J/K
155/156
15 SUMMARY OF CHANGES
Revision
Main Changes
Date
1.6
Changed ITSPR register names to ISPR in Table 2 on page 13
Removed description of TLI from Interrupt chapter
Modified CSS functional description (Glitch filtering with PLL on) in Section 6.4.3 on page 28
Removed AVD interrupt Exit from Halt capability in Section 6.4.4.1 on page 28
VPP absolute max changed from 14 to 13V in Section 12.2 on page 113.
Modified IDD max values in Section 12.4 on page 118
Updated LVD min rise time rate. Added note and figure on LVD startup behaviour in Section
12.3 on page 114
Updated ADC accuracy data and modified note on negative current injection in Section 10.6
on page 102
Updated PLL characteristics Section 12.5.6 on page 127
External Reset stretch min value changed to 0. in Section 12.9 on page 137
Changed presentation of Option bytes: Byte 0 is displayed left of Byte 1. Option byte default
value changed (AVD/LVD on) in section
Section 14.1 on page 148
Oct 02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More