| データシートサーチシステム |
|
ATPL230A データシート(PDF) 102 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATPL230A データシート(HTML) 102 Page - ATMEL Corporation |
|
102 / 122 page ![]() ATPL230A [DATASHEET] Atmel-43053J-ATPL230A-Datasheet_22-Sep-16 102 9.3.7.3 Zero Crossing Filter Register Name: ZC_FILTER Address: 0xFF23 Access: Read/Write Reset: 0xB2 • ZC_FILTER_BP: Zero Crossing Input Signal Filter Enable ‘0’: Filter enabled. ‘1’: Filter not enabled. • ZC_FILTER_NUM [6:0]: Zero Crossing Input Signal Filter Parameter Time (counted in number of clock cycles) that the Zero Crossing Input Signal (1-bit) must be constant to set that value as the input signal for Zero Crossing Detection. Used to refuse fast transitions in Zero Crossing Input Signal. 7 6 543210 ZC_FILTER_BP ZC_FILTER_NUM [6:0] |