データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RCAT-02 データシート(PDF) 3 Page - Mini-Circuits

部品番号 RCAT-02
部品情報  Fixed Attenuator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RCAT-02 データシート(HTML) 3 Page - Mini-Circuits

  RCAT-02 Datasheet HTML 1Page - Mini-Circuits RCAT-02 Datasheet HTML 2Page - Mini-Circuits RCAT-02 Datasheet HTML 3Page - Mini-Circuits RCAT-02 Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fixed Attenuator
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 3 of 4
RCAT-02+
Parameter
Condition (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
20
GHz
Attenuation
1
1.5
2.04
2.5
dB
10
1.9
2.37
2.9
20
1.9
2.73
3.5
Return Loss
1
30
dB
10
18
20
16
RCAT-02+
ATTENUATION
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
2
4
6
8
10
12
14
16
18
20
FREQUENCY (GHz)
RCAT-02+
RETURN LOSS
0
10
20
30
40
50
0
2
4
6
8
10
12
14
16
18
20
FREQUENCY (GHz)
Typical Performance Data at 25°C
Frequency
(GHz)
Attenuation
(dB)
Return Loss
(dB)
0.05
2.02
39.68
2.00
2.07
25.08
5.00
2.20
18.35
8.00
2.32
16.92
10.00
2.37
18.13
12.00
2.39
21.46
15.00
2.46
29.46
17.00
2.58
20.99
19.00
2.64
16.67
20.00
2.73
15.89
1. Tested using characterization test circuit as defined in Figure 1.
See graphs and data above for performances at all other frequencies.
2. Permanent damage may occur if any of these limits are exceeded.
3. Case is defined as ground lead.
4. RF Power at 25°C case temperature: 2W. Derate linearly to 0.33W at 125°C.
Absolute Maximum Ratings 2
Operating Case Temperature3
-55°C to 125°C
Storage Temperature
-65°C to 150°C
RF Input Power4
2W at 25°C
Electrical Specifications1 at 25°C, 50Ω
Characterization Test Circuit
Fig 1. Block diagram of Test Circuit used for characterization. Characterization was
performed by Modelithics®, conditions test board details are available at:
http://www.modelithics.com/datasheet2/606.pdf


同様の部品番号 - RCAT-02

メーカー部品番号データシート部品情報
logo
Mini-Circuits
RCAT-00 MINI-RCAT-00 Datasheet
592Kb / 4P
50廓 2W 0dB DC to 20 GHz
RCAT-01 MINI-RCAT-01 Datasheet
244Kb / 4P
Fixed Attenuator
RCAT-01++ MINI-RCAT-01+ Datasheet
244Kb / 4P
Fixed Attenuator
RCAT-03 MINI-RCAT-03 Datasheet
245Kb / 4P
Fixed Attenuator
RCAT-03++ MINI-RCAT-03+ Datasheet
245Kb / 4P
Fixed Attenuator
More results

同様の説明 - RCAT-02

メーカー部品番号データシート部品情報
logo
DAICO Industries, Inc.
DAO960 DAICO-DAO960 Datasheet
106Kb / 1P
Fixed Attenuator
logo
Mini-Circuits
LAT-30 MINI-LAT-30 Datasheet
251Kb / 1P
Fixed Attenuator
RCAT-03 MINI-RCAT-03 Datasheet
245Kb / 4P
Fixed Attenuator
RCAT-04 MINI-RCAT-04 Datasheet
244Kb / 4P
Fixed Attenuator
RCAT-06 MINI-RCAT-06 Datasheet
245Kb / 4P
Fixed Attenuator
KAT-2 MINI-KAT-2 Datasheet
231Kb / 4P
Fixed Attenuator
logo
JFW Industries, Inc.
50FH-XXX-5 JFW-50FH-XXX-5 Datasheet
27Kb / 1P
FIXED ATTENUATOR
50HFAR-XXX JFW-50HFAR-XXX Datasheet
26Kb / 1P
FIXED ATTENUATOR
logo
Yantel Corporation
FAT0660N5 YANTEL-FAT0660N5 Datasheet
136Kb / 2P
Fixed Attenuator
FAT1820S2 YANTEL-FAT1820S2 Datasheet
150Kb / 2P
Fixed Attenuator
FAT1830S2 YANTEL-FAT1830S2 Datasheet
150Kb / 2P
Fixed Attenuator
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com