データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RCAT-02 データシート(PDF) 4 Page - Mini-Circuits

部品番号 RCAT-02
部品情報  Fixed Attenuator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RCAT-02 データシート(HTML) 4 Page - Mini-Circuits

  RCAT-02 Datasheet HTML 1Page - Mini-Circuits RCAT-02 Datasheet HTML 2Page - Mini-Circuits RCAT-02 Datasheet HTML 3Page - Mini-Circuits RCAT-02 Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Fixed Attenuator
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 4 of 4
RCAT-02+
MCL
RCAT-02+
Product Marking
Performance Data
Data Table
Swept Graphs
Case Style
LZ1737 Ceramic package, Terminal finish: Ni-Pd-Au
Tape & Reel
F108
Standard quantities available on reel
7” reels with 20, 50, 100, 200, 500, 1K or 2K devices.
Suggested Layout for PCB Design
click here
Evaluation Board
TB-668-02+
Environmental Ratings
ENV-71
ESD Rating
Human Body Model (HBM): 250V, Class 1A (JESD22-A114)
Machine Model (MM): 200V, Class B (JESD22-A115)
MSL Rating
Moisture Sensitivity: MSL1 in accordance with IPC/JEDEC J-STD-020D
Additional Detailed Technical Information
additional information is available on our dash board. To access this information
click here


同様の部品番号 - RCAT-02

メーカー部品番号データシート部品情報
logo
Mini-Circuits
RCAT-00 MINI-RCAT-00 Datasheet
592Kb / 4P
50廓 2W 0dB DC to 20 GHz
RCAT-01 MINI-RCAT-01 Datasheet
244Kb / 4P
Fixed Attenuator
RCAT-01++ MINI-RCAT-01+ Datasheet
244Kb / 4P
Fixed Attenuator
RCAT-03 MINI-RCAT-03 Datasheet
245Kb / 4P
Fixed Attenuator
RCAT-03++ MINI-RCAT-03+ Datasheet
245Kb / 4P
Fixed Attenuator
More results

同様の説明 - RCAT-02

メーカー部品番号データシート部品情報
logo
DAICO Industries, Inc.
DAO960 DAICO-DAO960 Datasheet
106Kb / 1P
Fixed Attenuator
logo
Mini-Circuits
LAT-30 MINI-LAT-30 Datasheet
251Kb / 1P
Fixed Attenuator
RCAT-03 MINI-RCAT-03 Datasheet
245Kb / 4P
Fixed Attenuator
RCAT-04 MINI-RCAT-04 Datasheet
244Kb / 4P
Fixed Attenuator
RCAT-06 MINI-RCAT-06 Datasheet
245Kb / 4P
Fixed Attenuator
KAT-2 MINI-KAT-2 Datasheet
231Kb / 4P
Fixed Attenuator
logo
JFW Industries, Inc.
50FH-XXX-5 JFW-50FH-XXX-5 Datasheet
27Kb / 1P
FIXED ATTENUATOR
50HFAR-XXX JFW-50HFAR-XXX Datasheet
26Kb / 1P
FIXED ATTENUATOR
logo
Yantel Corporation
FAT0660N5 YANTEL-FAT0660N5 Datasheet
136Kb / 2P
Fixed Attenuator
FAT1820S2 YANTEL-FAT1820S2 Datasheet
150Kb / 2P
Fixed Attenuator
FAT1830S2 YANTEL-FAT1830S2 Datasheet
150Kb / 2P
Fixed Attenuator
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com