データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP3502 データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TLP3502
部品情報  TOSHIBA Photocoupler GaAs Ired & Photo-Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3502 データシート(HTML) 1 Page - Toshiba Semiconductor

  TLP3502 Datasheet HTML 1Page - Toshiba Semiconductor TLP3502 Datasheet HTML 2Page - Toshiba Semiconductor TLP3502 Datasheet HTML 3Page - Toshiba Semiconductor TLP3502 Datasheet HTML 4Page - Toshiba Semiconductor TLP3502 Datasheet HTML 5Page - Toshiba Semiconductor TLP3502 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP3502
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired & Photo−Triac
TLP3502
Trica Driver
Programmable Controllers
AC−Output Module
Solid State Relay
The TOSHIBA TLP3502 consists of a phototriac optically coupled to a
gallium arsenide infrared emitting diode in a 8 lead plastic DIP package.
· Peak off−state voltage: 400V(min.)
· Trigger LED current: 10mA(max.)
· On−state current: 0.5Arms(max.)
· Isolation voltage: 2500Vrms(min.)
· UL recognized: UL1577, file no. E67349
· Trigger LED Current
Trigger LED Current (mA)
VT=6V, Ta=25°C
Classi
-
fication*
Min.
Max.
Marking Of
Classification
(IFT5)
5.0
T5
(IFT7)
7.0
T5,T7
Standard
10
T5,T7, blank
*Ex. (IFT5); TLP3502(IFT5)
(Note ) Application type name for certification test, please
use standard product type name, i.e.
TLP3502(IFT5): TLP3502
Pin Configurations(top
view)
2
2 : ANODE
3 : CATHODE
5 : TRIAC GATE
6 : TRIAC T1
8 : TRIAC T2
5
8
6
3
Unit in mm
TOSHIBA
11−10C3
Weight: 0.52 g


同様の部品番号 - TLP3502

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP350 TOSHIBA-TLP350 Datasheet
141Kb / 6P
   Inverter for Air Conditioner, IGBT/Power MOS FET Gate Drive, Industrial Inverter
TLP350 TOSHIBA-TLP350 Datasheet
274Kb / 9P
   GaA?밃s IRED Photo IC
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3506 TOSHIBA-TLP3506 Datasheet
147Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3507 TOSHIBA-TLP3507 Datasheet
271Kb / 6P
   TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
More results

同様の説明 - TLP3502

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP260J TOSHIBA-TLP260J Datasheet
96Kb / 4P
   TOSHIBA Photocoupler GaAs IRED&Photo-triac
TLP161G TOSHIBA-TLP161G Datasheet
178Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP668J TOSHIBA-TLP668J Datasheet
137Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3526 TOSHIBA-TLP3526 Datasheet
167Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com