データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5,08RF データシート(PDF) 3 Page - Lumberg

部品番号 5,08RF
部品情報  Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LUMBERG [Lumberg]
ホームページ  http://www.lumberg.com
Logo LUMBERG - Lumberg

5,08RF データシート(HTML) 3 Page - Lumberg

  5,08RF Datasheet HTML 1Page - Lumberg 5,08RF Datasheet HTML 2Page - Lumberg 5,08RF Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
51 SP 3
01/2018
3
Designation
Pole Number
PU (Pieces)
MDQ (Pieces)
SP 3
-
100
5000
Packaging:
in bulk, in a plastic bag, in a cardboard box
of 3


同様の部品番号 - 5,08RF

メーカー部品番号データシート部品情報
logo
Lumberg
5,08RF LUMBERG-5,08RF Datasheet
365Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5,08RF03 LUMBERG-5,08RF03 Datasheet
365Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5,08RF04 LUMBERG-5,08RF04 Datasheet
365Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5,08RF05 LUMBERG-5,08RF05 Datasheet
365Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5,08RF06 LUMBERG-5,08RF06 Datasheet
365Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results

同様の説明 - 5,08RF

メーカー部品番号データシート部品情報
logo
Lumberg
2.54UF LUMBERG-2.54UF Datasheet
366Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5RF LUMBERG-5RF Datasheet
396Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5U LUMBERG-2.5U Datasheet
623Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5UFL LUMBERG-2.5UFL Datasheet
502Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54R LUMBERG-2.54R_18 Datasheet
301Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
8510A02 LUMBERG-8510A02 Datasheet
188Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08RFL LUMBERG-5.08RFL Datasheet
378Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08UFL LUMBERG-5.08UFL Datasheet
475Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
SP1 LUMBERG-SP1_18 Datasheet
248Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54UFL LUMBERG-2.54UFL_18 Datasheet
404Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5RF LUMBERG-2.5RF Datasheet
572Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com