データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A1N5404G-G データシート(PDF) 3 Page - Comchip Technology

部品番号 A1N5404G-G
部品情報  General Purpose Silicon Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

A1N5404G-G データシート(HTML) 3 Page - Comchip Technology

  A1N5404G-G Datasheet HTML 1Page - Comchip Technology A1N5404G-G Datasheet HTML 2Page - Comchip Technology A1N5404G-G Datasheet HTML 3Page - Comchip Technology A1N5404G-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
B
Taping Specification For Axial Lead Diodes
L1
L2
E
A
Z
T
E
90° ± 5°
L
H
W
D
D
Do
D1
W0
L1
0.039 (max)
1.00 (max)
L2
0.039 (max)
1.00 (max)
B
Z
T
E
10.00 ± 0.50
52.00 ± 0.50
6.00 ± 0.40
1.20 (max)
0.80 (max)
2.047 ± 0.020
0.394 ± 0.020
0.047 (max)
0.236 ± 0.016
0.031 (max)
A
SYMBOL
(mm)
(inch)
L
W
H
78.00 ± 5.00
3.071 ± 0.197
95.00 ± 5.00
3.740 ± 0.197
255.00 ± 5.00
10.039 ± 0.197
D
330.00
12.992
D1
D0
85.70 ± 0.30
3.374 ± 0.012
16.60 ± 0.40
0.654 ± 0.016
W0
79.00 ± 1.00
3.110 ± 0.039
(inch)
(mm)
SYMBOL
(DO-201AD)
DO-27
General Purpose Silicon Rectifiers
Page 3
REV:A
AQW-BG002
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
(DO-201AD)
DO-27


同様の部品番号 - A1N5404G-G

メーカー部品番号データシート部品情報
logo
DIYI Electronic Technol...
A1N DYELEC-A1N Datasheet
2Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
A1N015TW ETC2-A1N015TW Datasheet
675Kb / 2P
   FORMULA UL Molded Case Circuit Breakers
A1N015TW-1 ETC2-A1N015TW-1 Datasheet
675Kb / 2P
   FORMULA UL Molded Case Circuit Breakers
A1N015TW-2 ETC2-A1N015TW-2 Datasheet
675Kb / 2P
   FORMULA UL Molded Case Circuit Breakers
A1N020TW ETC2-A1N020TW Datasheet
675Kb / 2P
   FORMULA UL Molded Case Circuit Breakers
More results

同様の説明 - A1N5404G-G

メーカー部品番号データシート部品情報
logo
Comchip Technology
A1N4007G-G COMCHIP-A1N4007G-G Datasheet
81Kb / 3P
   General Purpose Silicon Rectifiers
logo
Dongguan Pingjingsemi T...
S1ABF-PJ PJSEMI-S1ABF-PJ Datasheet
483Kb / 3P
   GENERAL PURPOSE SILICON RECTIFIERS
logo
Comchip Technology
1N4001-G COMCHIP-1N4001-G_12 Datasheet
61Kb / 2P
   General Purpose Silicon Rectifiers
logo
Semtech Corporation
1N4245 SEMTECH-1N4245 Datasheet
87Kb / 2P
   General Purpose Silicon Rectifiers
logo
Comchip Technology
1N4007T-G COMCHIP-1N4007T-G Datasheet
61Kb / 2P
   General Purpose Silicon Rectifiers
6A005-G COMCHIP-6A005-G Datasheet
66Kb / 3P
   General Purpose Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
1N5391S SEMTECH_ELEC-1N5391S Datasheet
178Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIERS
logo
Central Semiconductor C...
CMMR1-02 CENTRAL-CMMR1-02_15 Datasheet
281Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
CMR3-10 CENTRAL-CMR3-10_15 Datasheet
338Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
S1A-1DSMA YFWDIODE-S1A-1DSMA Datasheet
522Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com