データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A1N5404G-G データシート(PDF) 1 Page - Comchip Technology

部品番号 A1N5404G-G
部品情報  General Purpose Silicon Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

A1N5404G-G データシート(HTML) 1 Page - Comchip Technology

  A1N5404G-G Datasheet HTML 1Page - Comchip Technology A1N5404G-G Datasheet HTML 2Page - Comchip Technology A1N5404G-G Datasheet HTML 3Page - Comchip Technology A1N5404G-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Purpose Silicon Rectifiers
Page 1
REV:A
Voltage: 400 V
Current: 3.0 A
RoHS Device
A1N5404G-G
Dimensions in inches and (millimeter)
DO-27
Features
- Glass passivated rectifiers.
- Low reverse leakage current.
- High current capability.
- Comply with AEC-Q101
Mechanical data
- Case: JEDEC DO-27 molded plastic.
- Epoxy: UL 94V-0 rate flame retardant.
- Polarity: Color band denotes cathode.
- Mounting position: Any.
- Weight: 1.1 grams.
0.984(25.00) Min.
0.984(25.00) Min.
0.374(9.50)
0.335(8.50)
0.051(1.30)
0.047(1.20)
DIA.
0.220(5.60)
0.197(5.00)
DIA.
Parameter
Symbol
Unit
Maximum re
peak reverse voltage
current
Maximum RMS voltage
Maximum DC blocking voltage
Peak forward surge current, 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
Maximum forward voltage @3.0A DC
Maximum DC reverse current
at rated DC blocking voltage
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
3.0
125
1.1
5.0
V
V
V
A
A
V
μA
Operating temperature range
Storage temperature range
Typical thermal resistance (Note 2)
RθJA
TJ
TSTG
15
-55 to +150
-55 to +150
°C
°C
°C/W
NOTES:
400
280
400
@TJ=25°C
@TJ=100°C
200
Maximum Ratings and Electrical Characteristics
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
A1N5404G-G
AQW-BG002
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
@TA=55°C
Maximum average forward
rectified current
Typical junction capacitance (Note 1)
CJ
50
pF
1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2. Thermal resistance junction to ambient.
- Low forward voltage drop.


同様の部品番号 - A1N5404G-G

メーカー部品番号データシート部品情報
logo
DIYI Electronic Technol...
A1N DYELEC-A1N Datasheet
2Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
A1N015TW ETC2-A1N015TW Datasheet
675Kb / 2P
FORMULA UL Molded Case Circuit Breakers
A1N015TW-1 ETC2-A1N015TW-1 Datasheet
675Kb / 2P
FORMULA UL Molded Case Circuit Breakers
A1N015TW-2 ETC2-A1N015TW-2 Datasheet
675Kb / 2P
FORMULA UL Molded Case Circuit Breakers
A1N020TW ETC2-A1N020TW Datasheet
675Kb / 2P
FORMULA UL Molded Case Circuit Breakers
More results

同様の説明 - A1N5404G-G

メーカー部品番号データシート部品情報
logo
Comchip Technology
A1N4007G-G COMCHIP-A1N4007G-G Datasheet
81Kb / 3P
General Purpose Silicon Rectifiers
logo
Dongguan Pingjingsemi T...
S1ABF-PJ PJSEMI-S1ABF-PJ Datasheet
483Kb / 3P
GENERAL PURPOSE SILICON RECTIFIERS
logo
Comchip Technology
1N4001-G COMCHIP-1N4001-G_12 Datasheet
61Kb / 2P
General Purpose Silicon Rectifiers
logo
Semtech Corporation
1N4245 SEMTECH-1N4245 Datasheet
87Kb / 2P
General Purpose Silicon Rectifiers
logo
Comchip Technology
1N4007T-G COMCHIP-1N4007T-G Datasheet
61Kb / 2P
General Purpose Silicon Rectifiers
6A005-G COMCHIP-6A005-G Datasheet
66Kb / 3P
General Purpose Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
1N5391S SEMTECH_ELEC-1N5391S Datasheet
178Kb / 2P
GENERAL PURPOSE PLASTIC SILICON RECTIFIERS
logo
Central Semiconductor C...
CMMR1-02 CENTRAL-CMMR1-02_15 Datasheet
281Kb / 2P
SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
CMR3-10 CENTRAL-CMR3-10_15 Datasheet
338Kb / 2P
SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
S1A-1DSMA YFWDIODE-S1A-1DSMA Datasheet
522Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com