データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A1N5404G-G データシート(PDF) 2 Page - Comchip Technology

部品番号 A1N5404G-G
部品情報  General Purpose Silicon Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

A1N5404G-G データシート(HTML) 2 Page - Comchip Technology

  A1N5404G-G Datasheet HTML 1Page - Comchip Technology A1N5404G-G Datasheet HTML 2Page - Comchip Technology A1N5404G-G Datasheet HTML 3Page - Comchip Technology A1N5404G-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ambient Temperature, (°C)
Fig.2 - Max. Non-repetitive Surge Current
Number of Cycles at 60Hz
Rating and Characteristic Curves (A1N5404G-G)
Fig.1 - Forward Current Derating Curve
0
0
1.0
2.0
3.0
25
50
75
100
125
150
Single phase half wave 60Hz
Resistive or inductive load
single half sine-wave
(JEDEC Method)
0
50
100
200
1
10
100
1.5
2.5
0.5
150
Pulse width 8.3ms
1
10
100
1
10
100
Fig.3 - Typical Junction Capacitance
Reverse Voltage, (V)
TJ=25°C
f=1MHz
Instantaneous Forward Voltage, (V)
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Fig.4 - Typical Forward Characteristics
TJ =25°C
Pulse width=300μs
General Purpose Silicon Rectifiers
Page 2
REV:A
AQW-BG002
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.


同様の部品番号 - A1N5404G-G

メーカー部品番号データシート部品情報
logo
DIYI Electronic Technol...
A1N DYELEC-A1N Datasheet
2Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
A1N015TW ETC2-A1N015TW Datasheet
675Kb / 2P
   FORMULA UL Molded Case Circuit Breakers
A1N015TW-1 ETC2-A1N015TW-1 Datasheet
675Kb / 2P
   FORMULA UL Molded Case Circuit Breakers
A1N015TW-2 ETC2-A1N015TW-2 Datasheet
675Kb / 2P
   FORMULA UL Molded Case Circuit Breakers
A1N020TW ETC2-A1N020TW Datasheet
675Kb / 2P
   FORMULA UL Molded Case Circuit Breakers
More results

同様の説明 - A1N5404G-G

メーカー部品番号データシート部品情報
logo
Comchip Technology
A1N4007G-G COMCHIP-A1N4007G-G Datasheet
81Kb / 3P
   General Purpose Silicon Rectifiers
logo
Dongguan Pingjingsemi T...
S1ABF-PJ PJSEMI-S1ABF-PJ Datasheet
483Kb / 3P
   GENERAL PURPOSE SILICON RECTIFIERS
logo
Comchip Technology
1N4001-G COMCHIP-1N4001-G_12 Datasheet
61Kb / 2P
   General Purpose Silicon Rectifiers
logo
Semtech Corporation
1N4245 SEMTECH-1N4245 Datasheet
87Kb / 2P
   General Purpose Silicon Rectifiers
logo
Comchip Technology
1N4007T-G COMCHIP-1N4007T-G Datasheet
61Kb / 2P
   General Purpose Silicon Rectifiers
6A005-G COMCHIP-6A005-G Datasheet
66Kb / 3P
   General Purpose Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
1N5391S SEMTECH_ELEC-1N5391S Datasheet
178Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIERS
logo
Central Semiconductor C...
CMMR1-02 CENTRAL-CMMR1-02_15 Datasheet
281Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
CMR3-10 CENTRAL-CMR3-10_15 Datasheet
338Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
S1A-1DSMA YFWDIODE-S1A-1DSMA Datasheet
522Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com