| データシートサーチシステム |
|
ST72F521M データシート(PDF) 198 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F521M データシート(HTML) 198 Page - STMicroelectronics |
|
198 / 199 page ![]() ST72521M/R/AR 198/199 15 SUMMARY OF CHANGES Revision Main Changes Date 1.6 Changed ITSPR register names to ISPR in Table 2 on page 15 Modified CSS functional description (Glitch filtering with PLL on) in Section 6.4.3 on page 31 Removed AVD interrupt Exit from Halt capability in Section 6.4.4.1 on page 31 VPP absolute max changed from 14 to 13V in Section 12.2 on page 155. Modified IDD max values in Section 12.4 on page 159 Removed description of low and medium thresholds. Updated LVD min rise time rate. Added note and figure on LVD startup behaviour in Section 12.3 on page 156 Updated ADC accuracy data and modified note on negative current injection in Section 10.9 on page 144 Updated PLL characteristics Section 12.5.6 on page 168 External Reset stretch min value changed to 0. in Section 12.9 on page 178 Changed presentation of Option bytes: Byte 0 is displayed left of Byte 1. Option byte default value changed (AVD/LVD on) in section Section 14.1 on page 191 Oct 02 |