データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

254M06QD150 データシート(PDF) 2 Page - Cornell Dubilier Electronics

部品番号 254M06QD150
部品情報  Radial Metallized Polyester RC Network for Transient Suppression
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDE [Cornell Dubilier Electronics]
ホームページ  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

254M06QD150 データシート(HTML) 2 Page - Cornell Dubilier Electronics

  254M06QD150 Datasheet HTML 1Page - Cornell Dubilier Electronics 254M06QD150 Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type Q/QRL (Quencharc) Arc Suppressor/Snubber Network
Ratings
Catalog
Part Number
Cap
(µF)
Resistor
Dimensions in Inches
Dimensions in Millimeters
Ohms Watts
L
T
H
S
Ød
C
Ød
r
L
T
H
S
Ød
C
Ød
r
Max
Max
Max
Typ.
Typ.
Typ.
Max
Max
Max
Typ.
Typ.
Typ.
600 Vdc / 250Vac
254M06QD22
0.25
22
1/2
1.45
0.42
0.75
1.20
0.032
0.025
36.8
10.6
19.0
30.5
0.8
0.635
254M06QD47
0.25
47
1/2
1.45
0.42
0.75
1.20
0.032
0.025
36.8
10.6
19.0
30.5
0.8
0.635
254M06QD100
0.25
100
1/2
1.45
0.42
0.75
1.20
0.032
0.025
36.8
10.6
19.0
30.5
0.8
0.635
254M06QD150
0.25
150
1/2
1.45
0.42
0.75
1.20
0.032
0.025
36.8
10.6
19.0
30.5
0.8
0.635
504M06QE22
0.5
22
1/2
1.45
0.59
0.92
1.20
0.032
0.025
36.8
15.0
23.4
30.5
0.8
0.635
504M06QE47
0.5
47
1/2
1.45
0.59
0.92
1.20
0.032
0.025
36.8
15.0
23.4
30.5
0.8
0.635
504M06QE100
0.5
100
1/2
1.45
0.59
0.92
1.20
0.032
0.025
36.8
15.0
23.4
30.5
0.8
0.635
504M06QE150
0.5
150
1/2
1.45
0.59
0.92
1.20
0.032
0.025
36.8
15.0
23.4
30.5
0.8
0.635
1200 Vdc / 480Vac
104M48QH39
0.1
39
2
1.60
0.64
1.04
1.29
0.032
0.032
40.6
16.3
26.4
32.7
0.8
0.8
1600 Vdc / 660Vac
104M66QV39
0.1
39
2
2.18
0.54
1
1.8
0.032
0.032
55.3
13.7
25.4
45.7
0.8
0.8
UL/CSA Recognized Across-the-Line Application
Type QRL 125VAC
Type QRL complies with UL1414/CSA-C22.2 No. 1
104MACQRL150
0.1
150
1/2
1.08
0.44
0.66
0.82
0.032
0.025
27.4
11.18
16.7
20.8
0.8
0.635
104MACQRL680
0.1
680
1/2
1.08
0.44
0.66
0.82
0.032
0.025
27.4
11.18
16.7
20.8
0.8
0.635
Type QRL: UL File No. E33628, CSA File No. LR32208
1
Two watt resistor is wire wound
Shaded items are stocked parts
Notice and Disclaimer:
All product drawings, descriptions, specifications, statements, information and data
(collectively, the“Information”) in this datasheet or other publication are subject to change. The customer is responsible
for checking, confirming and verifying the extent to which the Information contained in this datasheet or other
publication is applicable to an order at the time the order is placed. All Information given herein is believed to be
accurate and reliable, but it is presented without any guarantee, warranty, representation or responsibility of any kind,
expressed or implied. Statements of suitability for certain applications are based on the knowledge that the Cornell
Dubilier company providing such statements (“Cornell Dubilier”) has of operating conditions that such Cornell
Dubilier company regards as typical for such applications, but are not intended to constitute any guarantee, warranty
or representation regarding any such matter – and Cornell Dubilier specifically and expressly disclaims any guarantee,
warranty or representation concerning the suitability for a specific customer application, use, storage, transportation, or
operating environment. The Information is intended for use only by customers who have the requisite experience and
capability to determine the correct products for their application. Any technical advice inferred from this Information or
otherwise provided by Cornell Dubilier with reference to the use of any Cornell Dubilier products is given gratis (unless
otherwise specified by Cornell Dubilier), and Cornell Dubilier assumes no obligation or liability for the advice given or
results obtained. Although Cornell Dubilier strives to apply the most stringent quality and safety standards regarding
the design and manufacturing of its products, in light of the current state of the art, isolated component failures may
still occur. Accordingly, customer applications which require a high degree of reliability or safety should employ suitable
designs or other safeguards (such as installation of protective circuitry or redundancies or other appropriate protective
measures) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or
property damage. Although all product-related warnings, cautions and notes must be observed, the customer should
not assume that all safety measures are indicated in such warnings, cautions and notes, or that other safety measures
may not be required.


同様の部品番号 - 254M06QD150

メーカー部品番号データシート部品情報
logo
Littelfuse
254 LITTELFUSE-254 Datasheet
102Kb / 1P
Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
logo
CTS Corporation
254 CTS-254 Datasheet
377Kb / 2P
Two Axis, Micro-stick Controller With Optional Momentary Switch
logo
Oscilent Corporation
254-12.0M-18-15GS OSCILENT-254-12.0M-18-15GS Datasheet
163Kb / 4P
SMD Quartz Crystal
254-12.0M-18-15GW OSCILENT-254-12.0M-18-15GW Datasheet
163Kb / 4P
SMD Quartz Crystal
254-12.0M-18-15NS OSCILENT-254-12.0M-18-15NS Datasheet
163Kb / 4P
SMD Quartz Crystal
More results

同様の説明 - 254M06QD150

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
16810450A-F ETC2-16810450A-F Datasheet
584Kb / 4P
Metallized Polyester Radial Lead Capacitors
16022463C-F ETC2-16022463C-F Datasheet
779Kb / 5P
Metallized Polyester Radial Lead Capacitors
logo
Cornell Dubilier Electr...
504M02QA100 CDE-504M02QA100 Datasheet
193Kb / 1P
Arc Suppressor/Snubber Network Radial Metallized Polyester RC Network for Transient Suppression
logo
Panasonic Semiconductor
ECQU2A102MV PANASONIC-ECQU2A102MV Datasheet
248Kb / 2P
Interference Suppression Capacitor Metallized Polyester
ECQ-U2A474MV PANASONIC-ECQ-U2A474MV Datasheet
248Kb / 2P
Interference Suppression Capacitor Metallized Polyester
ECQ-U2A104MN PANASONIC-ECQ-U2A104MN Datasheet
50Kb / 2P
Interference Suppression Capacitor Metallized Polyester/Polypropylene
ECQ-U2A155ML PANASONIC-ECQ-U2A155ML Datasheet
71Kb / 2P
Interference Suppression Capacitor Metallized Polyester
ECQ-U2A103MN PANASONIC-ECQ-U2A103MN Datasheet
50Kb / 2P
Interference Suppression Capacitor Metallized Polyester/Polypropylene
ECQ-U2A224MG PANASONIC-ECQ-U2A224MG Datasheet
128Kb / 2P
Interference Suppression Capacitor Metallized Polyester
logo
Cornell Dubilier Electr...
160 CDE-160_17 Datasheet
442Kb / 6P
Radial Box Metallized Polyester Capacitors
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com