データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A7MA データシート(PDF) 2 Page - Omron Electronics LLC

部品番号 A7MA
部品情報  Thumbwheel Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A7MA データシート(HTML) 2 Page - Omron Electronics LLC

  A7MA Datasheet HTML 1Page - Omron Electronics LLC A7MA Datasheet HTML 2Page - Omron Electronics LLC A7MA Datasheet HTML 3Page - Omron Electronics LLC A7MA Datasheet HTML 4Page - Omron Electronics LLC A7MA Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A7MA
A7MA
2
Characteristics
Switching capacity
1 mA to 0.1 A 5 to 28 VDC (resistive load)
Carry current
1 A max.
Contact resistance
200 m
Ω max.
Insulation resistance
10 M
Ω min. (at 500 VDC) between nonconnected terminals
1,000 M
Ω min. (at 500 VDC) between each terminal and noncurrent-carrying part
Dielectric strength
200 VAC, 50/60 Hz for 1 minute between nonconnected terminals
1,000 VAC, 50/60 Hz for 1 minute between each terminal and noncurrent-carrying part
Operating force
300 g max.
Vibration
10 to 55 Hz, 1.5 mm double amplitude
Shock
200 m/s2 (approx. 20 G)
Ambient temperature
Operating
-10
° to 65°C
Storage
-20
° to 80°C
Humidity
85% RH max. (at 40
°C)
Service life
Mechanical
30,000 operations (steps) min.
Electrical
20,000 operations (steps) min.
Weight (per unit)
Approx. 1.1 g to 1.2 g
Unit: mm (inch)
■ SWITCH UNITS
A7MA-1
■■
■■
A7MA-1
■■
■■P2
Dimensions
Note: 1. Unless otherwise specified, a tolerance of
± 0.4 mm applies to all dimensions.
2. Each model number applies to a single switch unit and not to the switch assembly as shown in the drawings.
Note:
Dimension * is 19 for the
switch with output code
“06” and 31 for the switch
with output code “07”
Panel cutout
Note:
Data shown are of initial value.
No. of
A
B
C
units (n)
(6n + 6)
(6n + 11)
(6n + 16)
1
12 (0.47)
17 (0.67)
22 (0.87)
2
18 (0.71)
23 (0.91)
28 (1.10)
3
24 (0.94)
29 (1.14)
34 (1.34)
4
30 (1.18)
35 (1.38)
40 (1.57)
536
± 0.8 (1.42±0.03)
41 (1.61)
46
± 0.8 (1.81±0.03)
642
± 0.8 (1.65±0.03)
47 (1.85)
52
± 0.8 (2.05±0.03)
748
± 0.8 (1.89±0.03)
53 (2.09)
58
± 0.8 (2.28±0.03)
854
± 0.8 (2.13±0.03)
59 (2.32)
64
± 0.8 (2.52±0.03)
960
± 0.8 (2.36±0.03)
65 (2.56)
70
± 0.8 (2.76±0.03)
10
66
± 0.8 (2.60±0.03)
71 (2.80)
76
± 0.8 (3.00±0.03)


同様の部品番号 - A7MA

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
A7MD OMRON-A7MD Datasheet
466Kb / 4P
   Ultra-small Thumbwheel-operated Switches
More results

同様の説明 - A7MA

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
A7CN ETC-A7CN Datasheet
101Kb / 5P
   Thumbwheel Switch
logo
Omron Electronics LLC
A7AS OMRON-A7AS Datasheet
77Kb / 4P
   Thumbwheel Switch
A7P-M OMRON-A7P-M Datasheet
1Mb / 25P
   Thumbwheel Switch
A7CN OMRON-A7CN Datasheet
493Kb / 6P
   Thumbwheel Switch
A7F OMRON-A7F Datasheet
329Kb / 4P
   SCSI Thumbwheel Switch
logo
C&K Components
301100000 CK-COMPONENTS-301100000 Datasheet
387Kb / 8P
   Thumbwheel Switches
logo
Grayhill, Inc
62T22-N0-040C GRAYHILL-62T22-N0-040C Datasheet
258Kb / 2P
   Thumbwheel with Pushbutton
logo
ITT Industries
301100000 ITT-301100000 Datasheet
671Kb / 8P
   Thumbwheel Switches
logo
Marki Microwave
TW-1 MARKIMICROWAVE-TW-1 Datasheet
223Kb / 1P
   Connector Thumbwheel
logo
C&K Components
3 CK-COMPONENTS-3 Datasheet
1Mb / 8P
   Thumbwheel Switches
2020
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com