データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CMC-4013-SMT-TR データシート(PDF) 2 Page - CUI INC

部品番号 CMC-4013-SMT-TR
部品情報  ELECTRET CONDENSER MICROPHONE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CUI [CUI INC]
ホームページ  http://www.cui.com
Logo CUI - CUI INC

CMC-4013-SMT-TR データシート(HTML) 2 Page - CUI INC

  CMC-4013-SMT-TR Datasheet HTML 1Page - CUI INC CMC-4013-SMT-TR Datasheet HTML 2Page - CUI INC CMC-4013-SMT-TR Datasheet HTML 3Page - CUI INC CMC-4013-SMT-TR Datasheet HTML 4Page - CUI INC CMC-4013-SMT-TR Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
CUI Inc
│ MODEL: CMC-4013-SMT-TR │ DESCRIPTION: ELECTRET CONDENSER MICROPHONE
date 11/28/2016
│ page 2 of 5
MECHANICAL DRAWING
AU Plating
units: mm
FREQUENCY RESPONSE CURVE
MEASUREMENT CIRCUIT
RL = 2.2 kΩ
C = 1 µF
Recommended PCB Layout
Top View
For more information, please visit the product page.


同様の部品番号 - CMC-4013-SMT-TR

メーカー部品番号データシート部品情報
logo
CUI INC
CMC-4013-SMT-TR CUI-CMC-4013-SMT-TR Datasheet
1Mb / 7P
MICROPHONE DEVELOPMENT KIT
04/02/2020
More results

同様の説明 - CMC-4013-SMT-TR

メーカー部品番号データシート部品情報
logo
CUI INC
CMA-6542PF CUI-CMA-6542PF Datasheet
851Kb / 4P
electret condenser microphone
CMC-2242PBL-A CUI-CMC-2242PBL-A Datasheet
1Mb / 4P
electret condenser microphone
CMC-2742PBJ-A CUI-CMC-2742PBJ-A Datasheet
961Kb / 4P
electret condenser microphone
CMR-2747PB-A CUI-CMR-2747PB-A Datasheet
1Mb / 4P
electret condenser microphone
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
ELECTRET CONDENSER MICROPHONE
CMC-4015-25T CUI-CMC-4015-25T Datasheet
480Kb / 4P
ELECTRET CONDENSER MICROPHONE
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
ELECTRET CONDENSER MICROPHONE
CMC-6036-40T CUI-CMC-6036-40T Datasheet
496Kb / 4P
ELECTRET CONDENSER MICROPHONE
logo
Soberton Inc.
EM-6022P SOBERTON-EM-6022P Datasheet
428Kb / 5P
Electret Condenser Microphone
EM-9745 SOBERTON-EM-9745 Datasheet
437Kb / 5P
Electret Condenser Microphone
logo
CUI INC
CMC-9745-L100 CUI-CMC-9745-L100 Datasheet
433Kb / 4P
ELECTRET CONDENSER MICROPHONE
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com