データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM-6022P データシート(PDF) 1 Page - Soberton Inc.

部品番号 EM-6022P
部品情報  Electret Condenser Microphone
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SOBERTON [Soberton Inc.]
ホームページ  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

EM-6022P データシート(HTML) 1 Page - Soberton Inc.

  EM-6022P Datasheet HTML 1Page - Soberton Inc. EM-6022P Datasheet HTML 2Page - Soberton Inc. EM-6022P Datasheet HTML 3Page - Soberton Inc. EM-6022P Datasheet HTML 4Page - Soberton Inc. EM-6022P Datasheet HTML 5Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: EM-6022P
PRODUCT: Electret Condenser Microphone
TYPE: OMNI DIRECTIONAL BACK ELECTRET CONDENSER MICROPHONE
ELECTRICAL CHARACTERISTICS
Temperature =20±2 °C Humidity=65±5%
parameter
symbol
condition
limits
unit
min
center
max
sensitivity
S
0dB=1V/Pa at 1kHz
-45
-42
-39
dB
output impedance
Z out
f=1kHz
2.2
current consumption
IDSS
VCC =2.0V, RL=2.2KΩ
500
µA
signal to noise ratio
S/N
at 1kHz S.P.L=1Pa
(A-Weighted Curve)
58
dB
decreasing voltage
ΔS
VCC=3.0V to2.0V
-3
dB
operating voltage
1.0
10
V
maximum input S.P.L
110
dB
dimension
Ø6.0 x 2.2mm
TYPICAL FREQUENCY RESPONSE CURVE
MEASUREMENT CIRCUIT
PAGE 1/5
FREQUENCY RESPONSE
MICROPHONE RESPONSE TOLERANCE WINDOW
Frequency(Hz)
Lower Limit(dB)
Upper
Limit(dB)
50
-3
+3
100
-3
+3
800
-3
+3
1000
0
0
1200
-3
+3
3000
-3
+3
5000
-3
+3
10000
-8
+3
RL=2.2KΩ
VS=2.0V
C1=10PF
C2=33PF
C=1µF


同様の部品番号 - EM-6022P

メーカー部品番号データシート部品情報
logo
Soberton Inc.
EM-6022 SOBERTON-EM-6022 Datasheet
267Kb / 5P
   Electret Condenser Microphone
EM-6022S SOBERTON-EM-6022S Datasheet
1Mb / 1P
   EM6022-BC, EM6022S-BC, & EM6022P-BC Omnidirectional Back Electret Condenser Microphone
More results

同様の説明 - EM-6022P

メーカー部品番号データシート部品情報
logo
CUI INC
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-6036-40T CUI-CMC-6036-40T Datasheet
496Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4015-25T CUI-CMC-4015-25T Datasheet
480Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMA-6542PF CUI-CMA-6542PF Datasheet
851Kb / 4P
   electret condenser microphone
CMC-2242PBL-A CUI-CMC-2242PBL-A Datasheet
1Mb / 4P
   electret condenser microphone
CMC-2742PBJ-A CUI-CMC-2742PBJ-A Datasheet
961Kb / 4P
   electret condenser microphone
CMR-2747PB-A CUI-CMR-2747PB-A Datasheet
1Mb / 4P
   electret condenser microphone
logo
Soberton Inc.
EM-9745 SOBERTON-EM-9745 Datasheet
437Kb / 5P
   Electret Condenser Microphone
logo
CUI INC
CMC-9745-L100 CUI-CMC-9745-L100 Datasheet
433Kb / 4P
   ELECTRET CONDENSER MICROPHONE
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com