データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM-6022P データシート(PDF) 2 Page - Soberton Inc.

部品番号 EM-6022P
部品情報  Electret Condenser Microphone
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SOBERTON [Soberton Inc.]
ホームページ  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

EM-6022P データシート(HTML) 2 Page - Soberton Inc.

  EM-6022P Datasheet HTML 1Page - Soberton Inc. EM-6022P Datasheet HTML 2Page - Soberton Inc. EM-6022P Datasheet HTML 3Page - Soberton Inc. EM-6022P Datasheet HTML 4Page - Soberton Inc. EM-6022P Datasheet HTML 5Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TEMPERATURE CONDITIONS
storage temperature range
-40C ~ +85C
operation temperature range
-40C ~ +85C
Note: Store in electronic warehouse.
TERMINAL MECHANICAL STRENGTH
Terminal should be no interference in operation after pulled the terminal with 1kg for 1 minute.
RELIABILITY TEST
After each of following tests, the sensitivity of the microphone should be within ±3dB of initial sensitivity after 3 hours of
conditioning at 20°C .
vibration test
frequency
10hz~55hz
amplitude
1.52mm
change of frequency
1 octave/min
2 hours in each of axis
high temperature test
+85°C for 240 hours
low temperature test
-40°C for 240 hours
humidity test
90% ~ 95%RH, +60°C for 240 hours
thermal shocking test
–40°C, 30 minutes
+80°C, 30 minutes, repeated 32 cycles
room temperature, 3 hours
temperature cycles
-40°C
+20°C
+85°C
+20°C
-40°C
(2h)
(0.5h)
(2h)
(0.1h)
(2h)
(0.5h)
(2h)
(0.5h)
(2h) for 5 cycles
packing drop test
height
1.5m
procedure
5 times from each of axis
electrostatic discharge
Tested to IEC61000-4-2 level 3
contact discharge
The microphone shall operate normally after 10 discharges to is 6KV DC and the discharge
network is 150pF & 330Ω.
air discharge
The microphone shall operate normally after 10 discharges to is 8KV DC and the discharge
network is 150pF & 330Ω
SOLDERING CONDITION
We suggest using an anti-static welding machine which can control soldering temperature automatically.
Soldering temperature should be controlled at under 320 °C and soldering time for each terminal should be 1~2 seconds.
Microphone should be fixed on the metal block (heat sink), which has high radiation effects, and heat sink shall contact
with MIC tightly.
Microphone may easily be destroyed by the static electricity and the countermeasure for eliminating the static electricity shall be
electrocution (worktable and human body shall be ground connection)
PAGE 2/5
MODEL: EM-6022P
PRODUCT: Electret Condenser Microphone


同様の部品番号 - EM-6022P

メーカー部品番号データシート部品情報
logo
Soberton Inc.
EM-6022 SOBERTON-EM-6022 Datasheet
267Kb / 5P
   Electret Condenser Microphone
EM-6022S SOBERTON-EM-6022S Datasheet
1Mb / 1P
   EM6022-BC, EM6022S-BC, & EM6022P-BC Omnidirectional Back Electret Condenser Microphone
More results

同様の説明 - EM-6022P

メーカー部品番号データシート部品情報
logo
CUI INC
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-6036-40T CUI-CMC-6036-40T Datasheet
496Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4015-25T CUI-CMC-4015-25T Datasheet
480Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMA-6542PF CUI-CMA-6542PF Datasheet
851Kb / 4P
   electret condenser microphone
CMC-2242PBL-A CUI-CMC-2242PBL-A Datasheet
1Mb / 4P
   electret condenser microphone
CMC-2742PBJ-A CUI-CMC-2742PBJ-A Datasheet
961Kb / 4P
   electret condenser microphone
CMR-2747PB-A CUI-CMR-2747PB-A Datasheet
1Mb / 4P
   electret condenser microphone
logo
Soberton Inc.
EM-9745 SOBERTON-EM-9745 Datasheet
437Kb / 5P
   Electret Condenser Microphone
logo
CUI INC
CMC-9745-L100 CUI-CMC-9745-L100 Datasheet
433Kb / 4P
   ELECTRET CONDENSER MICROPHONE
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com