データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KAT-2 データシート(PDF) 2 Page - Mini-Circuits

部品番号 KAT-2
部品情報  Fixed Attenuator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KAT-2 データシート(HTML) 2 Page - Mini-Circuits

  KAT-2 Datasheet HTML 1Page - Mini-Circuits KAT-2 Datasheet HTML 2Page - Mini-Circuits KAT-2 Datasheet HTML 3Page - Mini-Circuits KAT-2 Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Microwave Precision
Fixed Attenuator
Page 2 of 2
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Pad Description
Function
Pad Number
Description
RF-IN
2
RF input pad
RF-OUT
5
RF output pad
GND
1,3,4,6 & Paddle
Ground
KAT-2+
Product Features
• Small package, 2x2 MCLP™
• Super Wide bandwidth, DC-40 GHz
• Excellent VSWR, 1.19:1 typ.
• High Power Handling, 2W
REV. OR
M160066
KAT-2+
GY/CP/AM
180521
Typical Applications
• 5G
• Test and Measurement
• Radar
• Communication
• Defense
50Ω
2W
2dB
DC to 40 GHz
General Description
KAT-2+ is an absorptive fixed attenuator fabricated using highly reliable and repeatable GaAs MMIC IPD
process. The model operates from DC to 40GHz. It achieves outstanding attenuation accuracy and flat-
ness while maintains excellent VSWR throughout the entire band. The model can also handle input power
up to 2W, which makes this model an ideal choice for a wide range of applications.
CASE STYLE: MC1630-1
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


同様の部品番号 - KAT-2

メーカー部品番号データシート部品情報
logo
Mini-Circuits
KAT-2-D MINI-KAT-2-D Datasheet
262Kb / 4P
Fixed Attenuator Die
KAT-20 MINI-KAT-20 Datasheet
232Kb / 4P
Fixed Attenuator
KAT-20++ MINI-KAT-20+ Datasheet
232Kb / 4P
Fixed Attenuator
KAT-20-D MINI-KAT-20-D Datasheet
264Kb / 4P
Fixed Attenuator Die
More results

同様の説明 - KAT-2

メーカー部品番号データシート部品情報
logo
DAICO Industries, Inc.
DAO960 DAICO-DAO960 Datasheet
106Kb / 1P
Fixed Attenuator
logo
Mini-Circuits
LAT-30 MINI-LAT-30 Datasheet
251Kb / 1P
Fixed Attenuator
RCAT-03 MINI-RCAT-03 Datasheet
245Kb / 4P
Fixed Attenuator
RCAT-04 MINI-RCAT-04 Datasheet
244Kb / 4P
Fixed Attenuator
RCAT-06 MINI-RCAT-06 Datasheet
245Kb / 4P
Fixed Attenuator
logo
JFW Industries, Inc.
50FH-XXX-5 JFW-50FH-XXX-5 Datasheet
27Kb / 1P
FIXED ATTENUATOR
50HFAR-XXX JFW-50HFAR-XXX Datasheet
26Kb / 1P
FIXED ATTENUATOR
logo
Yantel Corporation
FAT0660N5 YANTEL-FAT0660N5 Datasheet
136Kb / 2P
Fixed Attenuator
FAT1820S2 YANTEL-FAT1820S2 Datasheet
150Kb / 2P
Fixed Attenuator
FAT1830S2 YANTEL-FAT1830S2 Datasheet
150Kb / 2P
Fixed Attenuator
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com