データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CRIMPFOX-RC-10 データシート(PDF) 1 Page - PHOENIX CONTACT

部品番号 CRIMPFOX-RC-10
部品情報  The CRIMPFOX?멢C 10 completes the range of crimping pliers for uninsulated cable lugs and insulated tube lugs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

CRIMPFOX-RC-10 データシート(HTML) 1 Page - PHOENIX CONTACT

  CRIMPFOX-RC-10 Datasheet HTML 1Page - PHOENIX CONTACT CRIMPFOX-RC-10 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/1212061
08/14/2018   Page 1 / 2
Crimping pliers - CRIMPFOX-RC 10 - 1212061
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Crimping pliers, for non-insulated cable lugs, 4 ... 10 mm², double indent crimp
Why buy this product
 The CRIMPFOX‑RC 10 completes the range of crimping pliers for uninsulated cable lugs and insulated tube lugs
 All pliers of this type reduce the amount of force required during crimping by 25%
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4046356453936
Technical data
Dimensions
Length (b)
256 mm
Width (a)
25 mm
Height (c)
68 mm
General
Color
black
Compression
Indent crimp
Type of contact
Non-insulated cable lugs
Designation
Crimping position 1
Max. cross section
4 mm²
AWG max
12
Designation
Crimping position 2
Max. cross section
6 mm²
AWG max
10
Designation
Crimping position 3


同様の部品番号 - CRIMPFOX-RC-10

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
CRIMPFOX-RC-16-N PHOENIX-CRIMPFOX-RC-16-N Datasheet
54Kb / 3P
   Please be informed that the data shown in this PDF Document is generated from our Online Catalog.
More results

同様の説明 - CRIMPFOX-RC-10

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
CRIMPFOX-RC-25 PHOENIX-CRIMPFOX-RC-25 Datasheet
54Kb / 2P
   CRIMPFOX?멢C 10 and ...RCT 25-1 complete the range of crimping pliers for uninsulated cable lugs and insulated tube lugs
CRIMPFOX-INC-6 PHOENIX-CRIMPFOX-INC-6 Datasheet
95Kb / 3P
   Crimping pliers for insulated cable lugs and connectors
CRIMPFOX-RCT-70-1 PHOENIX-CRIMPFOX-RCT-70-1 Datasheet
48Kb / 3P
   Crimping pliers, for uninsulated tube lugs, 10 - 70 mm짼, indent crimp
CRIMPFOX-RCI-6-M PHOENIX-CRIMPFOX-RCI-6-M Datasheet
44Kb / 2P
   Crimping pliers for cable lugs and connectors
CRIMPFOX-RC-6-M PHOENIX-CRIMPFOX-RC-6-M Datasheet
48Kb / 2P
   Crimping pliers, for uninsulated cable lugs, 0.5 - 6 mm짼, indent crimp
CRIMPFOX-RC-6 PHOENIX-CRIMPFOX-RC-6 Datasheet
48Kb / 2P
   Crimping pliers, for uninsulated cable lugs, 0.5 - 6 mm짼, indent crimp
CRIMPFOX-UR-10 PHOENIX-CRIMPFOX-UR-10 Datasheet
73Kb / 2P
   Crimping pliers, for non-insulated connections, (cable lugs, ring or tabtype)
CRIMPFOX-ZA-5 PHOENIX-CRIMPFOX-ZA-5 Datasheet
75Kb / 2P
   Crimping pliers, for non-insulated connections, (cable lugs, ring or tabtype)
1212721 PHOENIX-1212721 Datasheet
51Kb / 2P
   Crimping pliers - CRIMPFOX 10
CF-500COV-RC-10 PHOENIX-CF-500COV-RC-10 Datasheet
42Kb / 2P
   Protective cover for crimping machine CF 500, for uninsulated cable lugs 0.5 - 10 mm짼 (RC 10) and tubing lugs 4 - 10 mm짼 (RCT 10-...)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com