データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CRIMPFOX-CX-7 データシート(PDF) 1 Page - PHOENIX CONTACT

部品番号 CRIMPFOX-CX-7
部品情報  Crimping pliers for processing coaxial connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

CRIMPFOX-CX-7 データシート(HTML) 1 Page - PHOENIX CONTACT

  CRIMPFOX-CX-7 Datasheet HTML 1Page - PHOENIX CONTACT CRIMPFOX-CX-7 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/1212718
08/14/2018   Page 1 / 2
Crimping pliers - CRIMPFOX-CX 7,06 HD-M - 1212718
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Crimping pliers, compact pliers, coaxial connectors, HDTV, BNC, TNC, 1.04 mm, 4.52 mm, 6.48 mm,
7.06 mm, four marked die stations, unlockable pressure lock, lateral entry
Why buy this product
 Crimping pliers for processing coaxial connectors
 Unlockable pressure lock
 Lateral conductor entry
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4046356857772
Technical data
Dimensions
Length (b)
204 mm
Width (a)
22 mm
Height (c)
76 mm
General
Color
black
Compression
HEX crimp
Type of contact
Coaxial connectors
Designation
Crimping position 1
Crimping width
4.52 mm
Designation
Crimping position 2
Crimping width
6.48 mm
Designation
Crimping position 3
Crimping width
7.06 mm
Die station
Crimping position 4 1.68 mm
Crimping width
1.68 mm
Die station
Crimping position 5 1.04 mm


同様の部品番号 - CRIMPFOX-CX-7

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
CRIMPFOX-CX-10 PHOENIX-CRIMPFOX-CX-10 Datasheet
46Kb / 2P
Spare die for CRIMPFOX-CX 10,54
CRIMPFOX-CX-4 PHOENIX-CRIMPFOX-CX-4 Datasheet
66Kb / 3P
Lateral conductor entry
CRIMPFOX-CX-5 PHOENIX-CRIMPFOX-CX-5 Datasheet
52Kb / 2P
Crimping pliers for processing coaxial connectors
CRIMPFOX-CX-6 PHOENIX-CRIMPFOX-CX-6 Datasheet
46Kb / 2P
Spare die for CRIMPFOX-CX 6,48
CRIMPFOX-CX-9 PHOENIX-CRIMPFOX-CX-9 Datasheet
47Kb / 2P
Spare die for CRIMPFOX-CX 9,14
More results

同様の説明 - CRIMPFOX-CX-7

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
CRIMPFOX-CX-5 PHOENIX-CRIMPFOX-CX-5 Datasheet
52Kb / 2P
Crimping pliers for processing coaxial connectors
CRIMPFOX-RCI-6-M PHOENIX-CRIMPFOX-RCI-6-M Datasheet
44Kb / 2P
Crimping pliers for cable lugs and connectors
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
RC-Z2504 PHOENIX-RC-Z2504 Datasheet
45Kb / 2P
Crimping pliers
SF-Z0008 PHOENIX-SF-Z0008 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0009 PHOENIX-SF-Z0009 Datasheet
44Kb / 2P
Crimping pliers
CRIMPFOX-INC-6 PHOENIX-CRIMPFOX-INC-6 Datasheet
95Kb / 3P
Crimping pliers for insulated cable lugs and connectors
1605672 PHOENIX-1605672 Datasheet
44Kb / 2P
Crimping pliers - SF-Z0009
1607458 PHOENIX-1607458 Datasheet
46Kb / 2P
Crimping pliers - SF-Z0029
1212039 PHOENIX-1212039 Datasheet
54Kb / 3P
Crimping pliers - CRIMPFOX 25R
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com