データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CRIMPFOX-RCI-6-M データシート(PDF) 1 Page - PHOENIX CONTACT

部品番号 CRIMPFOX-RCI-6-M
部品情報  Crimping pliers for cable lugs and connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

CRIMPFOX-RCI-6-M データシート(HTML) 1 Page - PHOENIX CONTACT

  CRIMPFOX-RCI-6-M Datasheet HTML 1Page - PHOENIX CONTACT CRIMPFOX-RCI-6-M Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1212730
03/10/2016   Page 1 / 2
Crimping pliers - CRIMPFOX-RCI 6-M - 1212730
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Crimping pliers, compact pliers, for symmetrical insulated cable lugs, 0.5 mm² ... 6.0 mm² (red, blue, yellow),
three marked die stations, unlockable pressure lock, lateral entry
Product Features
Crimping pliers for cable lugs and connectors
They unlock as soon as the required crimping pressure is reached, therefore ensuring sufficient pressure is applied.
The color-coded dies clearly indicate the cross section.
Unlockable pressure lock
Key Commercial Data
Packing unit
1 pc
Weight per Piece (excluding packing)
620.0 g
Custom tariff number
82032000
Country of origin
Sweden
Technical data
Dimensions
Length (b)
204 mm
Width (a)
22 mm
Height
76 mm
General
Color
black
Compression
Oval crimp
Type of contact
Insulated cable lugs
Min. cross section
0.5 mm²
Max. cross section
1.5 mm²
AWG min
20
AWG max
16


同様の部品番号 - CRIMPFOX-RCI-6-M

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
CRIMPFOX-RCI-6-1 PHOENIX-CRIMPFOX-RCI-6-1 Datasheet
50Kb / 2P
   Spare die for CRIMPFOX-RCI 6-1
CRIMPFOX-RCI-6-N PHOENIX-CRIMPFOX-RCI-6-N Datasheet
54Kb / 2P
   Please be informed that the data shown in this PDF Document is generated from our Online Catalog
More results

同様の説明 - CRIMPFOX-RCI-6-M

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
CRIMPFOX-INC-6 PHOENIX-CRIMPFOX-INC-6 Datasheet
95Kb / 3P
   Crimping pliers for insulated cable lugs and connectors
CRIMPFOX-UR-10 PHOENIX-CRIMPFOX-UR-10 Datasheet
73Kb / 2P
   Crimping pliers, for non-insulated connections, (cable lugs, ring or tabtype)
CRIMPFOX-ZA-5 PHOENIX-CRIMPFOX-ZA-5 Datasheet
75Kb / 2P
   Crimping pliers, for non-insulated connections, (cable lugs, ring or tabtype)
CRIMPFOX-RC-6 PHOENIX-CRIMPFOX-RC-6 Datasheet
48Kb / 2P
   Crimping pliers, for uninsulated cable lugs, 0.5 - 6 mm짼, indent crimp
CRIMPFOX-RC-6-M PHOENIX-CRIMPFOX-RC-6-M Datasheet
48Kb / 2P
   Crimping pliers, for uninsulated cable lugs, 0.5 - 6 mm짼, indent crimp
CRIMPFOX-CX-7 PHOENIX-CRIMPFOX-CX-7 Datasheet
52Kb / 2P
   Crimping pliers for processing coaxial connectors
CRIMPFOX-RC-10 PHOENIX-CRIMPFOX-RC-10 Datasheet
55Kb / 2P
   The CRIMPFOX?멢C 10 completes the range of crimping pliers for uninsulated cable lugs and insulated tube lugs
CRIMPFOX-CX-5 PHOENIX-CRIMPFOX-CX-5 Datasheet
52Kb / 2P
   Crimping pliers for processing coaxial connectors
CRIMPFOX-RC-25 PHOENIX-CRIMPFOX-RC-25 Datasheet
54Kb / 2P
   CRIMPFOX?멢C 10 and ...RCT 25-1 complete the range of crimping pliers for uninsulated cable lugs and insulated tube lugs
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
   Crimping pliers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com