データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0010181031 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 0010181031
部品情報  2.36mm Diameter Standard .093" Pin and Socket Header, Shrouded, 3 Circuits, 2 Male Terminals
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX1 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0010181031 データシート(HTML) 1 Page - Molex Electronics Ltd.

  0010181031 Datasheet HTML 1Page - Molex Electronics Ltd. 0010181031 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 08/21/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0010181031
Status:
Active
Overview:
Standard .093" Pin and Socket Connectors
Description:
2.36mm Diameter Standard .093" Pin and Socket Header, Shrouded, 3 Circuits, 2 Male
Terminals
Documents:
3D Model
Packaging Specification PK-3099-002-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
3099
Application
Power, Wire-to-Board
Comments
Solder Type|Round Pin
Overview
Standard .093" Pin and Socket Connectors
Product Name
Standard .093"
UPC
800754214964
Physical
Breakaway
No
Circuits (Loaded)
3
Circuits (maximum)
3
Color - Resin
Black
Durability (mating cycles max)
25
Flammability
94V-2
Glow-Wire Capable
No
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Net Weight
1.223/g
Number of Rows
1
Orientation
Vertical
PC Tail Length
4.32mm
PCB Locator
Yes
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Bag
Pitch - Mating Interface
5.03mm
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40° to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
5.0A
Voltage - Maximum
250V
Material Info
Engineering Number
3099P3
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/61/2018 (27 June
2018)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
3099 Series
Mates With
03-09-1081 , 03-09-1032


同様の部品番号 - 0010181031

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0010181031 MOLEX11-0010181031 Datasheet
28Kb / 2P
2.36mm Diameter Standard .093" Pin and Socket Header, Shrouded, 3 Circuits, 2 Male Terminals
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com