データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISD1700A データシート(PDF) 4 Page - Winbond

部品番号 ISD1700A
部品情報  Multi-Message Single-Chip Voice Record&Playback Devices
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINBOND [Winbond]
ホームページ  http://www.winbond.com
Logo WINBOND - Winbond

ISD1700A データシート(HTML) 4 Page - Winbond

  ISD1700A Datasheet HTML 1Page - Winbond ISD1700A Datasheet HTML 2Page - Winbond ISD1700A Datasheet HTML 3Page - Winbond ISD1700A Datasheet HTML 4Page - Winbond ISD1700A Datasheet HTML 5Page - Winbond ISD1700A Datasheet HTML 6Page - Winbond ISD1700A Datasheet HTML 7Page - Winbond ISD1700A Datasheet HTML 8Page - Winbond ISD1700A Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
ISD1700A SERIES
- 4 -
1 GENERAL DESCRIPTION
The Winbond
® ISD1700A ChipCorder® Series is a high quality, fully integrated, single-chip multi-
message voice record and playback device ideally suited to a variety of electronic systems. The
message duration is user selectable in ranges from 26 seconds to 120 seconds, depending on the
specific device. The sampling frequency of each device can also be adjusted from 4 kHz to 12 kHz
with an external resistor, giving the user greater flexibility in duration versus recording quality for each
application. Operating voltage spans a range from 2.4 V to 5.5 V to ensure that the ISD1740A/50A/60A
devices are optimized for a wide range of battery or line-powered applications.
The ISD1740A/50A/60A devices incorporate a proprietary message management system that allows
the chip to self-manage address locations for multiple messages. This unique feature provides
sophisticated messaging flexibility in a simple push-button environment. The devices include an on-
chip oscillator (with external resistor control), microphone preamplifier with Automatic Gain Control
(AGC), an auxiliary analog input, anti-aliasing filter, Multi-Level Storage (MLS) array, smoothing filter,
volume control, Pulse Width Modulation (PWM) Class D speaker driver, and current output.
The ISD1740A/50A/60A devices also support an optional “vAlert” (voiceAlert) feature that can be used
as a new message indicator. With vAlert, the IC strobes an external LED to indicate that a new
message is present. Four special sound effect locations are reserved for audio confirmation of
commands, such as “Start Record”, “Stop Record,” and “Erase.”
Recordings are stored in on-chip Flash memory cells, providing zero-power message storage. This
unique single-chip solution is made possible through Winbond’s patented Multi-Level Storage (MLS)
technology. Audio data are stored directly in solid-state memory without digital compression, providing
superior quality voice and music reproduction.
Voice signals can be fed into the chip through two independent paths: a differential microphone input
and a single-ended analog input. For outputs, the ISD1740A/50A/60A devices simultaneously provide
a Pulse Width Modulation (PWM) Class D speaker driver and a separate current output. The PWM can
directly drive a standard 8
Ω speaker or a typical buzzer, while the separate single-ended current
output can drive an external amplifier.
The ISD1740A/50A/60A devices automatically enter into power down mode for power conservation
when an operation is completed.
Notice: The specifications are subject to change without notice. Please contact Winbond Sales Offices
or Representatives to verify current or future specifications.


同様の部品番号 - ISD1700A

メーカー部品番号データシート部品情報
logo
Winbond
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
More results

同様の説明 - ISD1700A

メーカー部品番号データシート部品情報
logo
Winbond
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
Nuvoton Technology Corp...
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1964SYI ETC2-ISD1964SYI Datasheet
499Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com