データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISD1700A データシート(PDF) 5 Page - Winbond

部品番号 ISD1700A
部品情報  Multi-Message Single-Chip Voice Record&Playback Devices
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINBOND [Winbond]
ホームページ  http://www.winbond.com
Logo WINBOND - Winbond

ISD1700A データシート(HTML) 5 Page - Winbond

  ISD1700A Datasheet HTML 1Page - Winbond ISD1700A Datasheet HTML 2Page - Winbond ISD1700A Datasheet HTML 3Page - Winbond ISD1700A Datasheet HTML 4Page - Winbond ISD1700A Datasheet HTML 5Page - Winbond ISD1700A Datasheet HTML 6Page - Winbond ISD1700A Datasheet HTML 7Page - Winbond ISD1700A Datasheet HTML 8Page - Winbond ISD1700A Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
ISD1700A SERIES
Confidential
Publication Release Date: March 28, 2005
- 5 -
Revision A0
2 FEATURES
Integrated message management systems for single-chip, push-button applications
o REC : level-trigger for recording
o PLAY : edge-trigger for individual message or level-trigger for sequential playback
o ERASE : edge-triggered erase for first or last message or level-triggered erase for all messages
o FWD : edge-trigger to advance to the next message or fast message scan during the playback
o VOL : 8 levels output volume control
o RDY: ready or busy status indication
o RESET : bring back to the default state
o Automatic power-down after each operation cycle
Selectable sampling frequency controlled by an external oscillator resistor
Sampling Frequency
12 kHz
8 kHz
6.4 kHz
5.3 kHz
4 kHz
Rosc
60 k
80 k
100 k
120 k
160 k
Selectable message duration
Device
ISD1740A
ISD1750A
ISD1760A
Duration
26 ~ 80 sec
33 ~ 100 sec
40 ~ 120 sec
Message and operation indicators
o Four customizable Sound Effects (SE) for audible indications
o Optional vAlert (voiceAlert) to indicate the presence of new messages
o LED: stay on during recording, blink during playback, forward and erase operations
Two individual input channels
o MIC+/MIC-: differential microphone inputs with AGC (Automatic Gain Control)
o AnaIn: single-ended auxiliary analog input for recording or feed-through
Dual output channels
o PWM Class D speaker amplifier to directly drive an 8 Ω speaker or a typical buzzer
o AUD single-ended current output to drive external power amplifier
ChipCorder standard features
o High-quality, natural voice and audio reproduction
o 2.4V to 5.5V operating voltage
o 100-year message retention (typical)
o 10,000 record cycles (typical)
Commercial Temperature grade: 0
°C to +50°C for die only
Package options: available in die only


同様の部品番号 - ISD1700A

メーカー部品番号データシート部品情報
logo
Winbond
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
Multi-Message Single-Chip Voice Record & Playback Devices
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
Multi-Message Single-Chip Voice Record & Playback Devices
More results

同様の説明 - ISD1700A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Winbond
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
Multi-Message Single-Chip Voice Record & Playback Devices
logo
List of Unclassifed Man...
ISD1964SYI ETC2-ISD1964SYI Datasheet
499Kb / 29P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Nuvoton Technology Corp...
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
Multi-Message Single-Chip Voice Record & Playback Devices
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com