データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISD1700A データシート(PDF) 10 Page - Winbond

部品番号 ISD1700A
部品情報  Multi-Message Single-Chip Voice Record&Playback Devices
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINBOND [Winbond]
ホームページ  http://www.winbond.com
Logo WINBOND - Winbond

ISD1700A データシート(HTML) 10 Page - Winbond

Back Button ISD1700A Datasheet HTML 6Page - Winbond ISD1700A Datasheet HTML 7Page - Winbond ISD1700A Datasheet HTML 8Page - Winbond ISD1700A Datasheet HTML 9Page - Winbond ISD1700A Datasheet HTML 10Page - Winbond ISD1700A Datasheet HTML 11Page - Winbond ISD1700A Datasheet HTML 12Page - Winbond ISD1700A Datasheet HTML 13Page - Winbond ISD1700A Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
ISD1700A SERIES
- 10 -
PIN NAME
PDIP
PIN NO.
FUNCTIONS
REC
24
Record: The device starts recording whenever REC switches from High
to Low and stays at Low. Recording stops when the signal returns to
High. This pin has an internal pull-up device
[1] and an internal debounce
(TDeb)
[2] for start and end, allowing the use of a push button switch.
ERASE
25
Erase: When active, it starts an erase operation. Erase operation will take
place only when the playback pointer is positioned at either the first or last
message. Pulsing this pin to Low enables erase operation and deletes the
current message. Holding this pin Low for more than 3 sec. initiates a
global erase operation, and will delete all the messages. This pin has an
internal pull-up device
[1] and an internal debounce (T
Deb)
[2] for start and
end, allowing the use of a push button switch.
FWD
26
Forward: When triggered, it advances to the next message from the
current location, when the device is in power down status. During
playback cycle, pulsing this pin Low stops the current playback operation
and advances to the next message, and then re-starts the playback
operation of the new message. This pin has an internal pull-up device
[1]
and an internal debounce (TDeb)
[2] for start and end, allowing the use of a
push button switch.
RDY
27
Ready: An open drain output. This pin stays Low during record, play,
erase and forward operations and stays High in power down state.
VSSD
28
Digital Ground: It is important to have a separate path for each ground
signal including VSSA, VSSD, VSSP1 and VSSP2 to minimize the noise
coupling..
Note:
[1] 600 kΩ
[2] TDeb = Refer to AC Timing


同様の部品番号 - ISD1700A

メーカー部品番号データシート部品情報
logo
Winbond
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
Multi-Message Single-Chip Voice Record & Playback Devices
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
Multi-Message Single-Chip Voice Record & Playback Devices
More results

同様の説明 - ISD1700A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Winbond
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
Multi-Message Single-Chip Voice Record & Playback Devices
logo
List of Unclassifed Man...
ISD1964SYI ETC2-ISD1964SYI Datasheet
499Kb / 29P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Nuvoton Technology Corp...
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
Multi-Message Single-Chip Voice Record & Playback Devices
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com