データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISD1700A データシート(PDF) 11 Page - Winbond

部品番号 ISD1700A
部品情報  Multi-Message Single-Chip Voice Record&Playback Devices
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINBOND [Winbond]
ホームページ  http://www.winbond.com
Logo WINBOND - Winbond

ISD1700A データシート(HTML) 11 Page - Winbond

Back Button ISD1700A Datasheet HTML 7Page - Winbond ISD1700A Datasheet HTML 8Page - Winbond ISD1700A Datasheet HTML 9Page - Winbond ISD1700A Datasheet HTML 10Page - Winbond ISD1700A Datasheet HTML 11Page - Winbond ISD1700A Datasheet HTML 12Page - Winbond ISD1700A Datasheet HTML 13Page - Winbond ISD1700A Datasheet HTML 14Page - Winbond ISD1700A Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
ISD1700A SERIES
Confidential
Publication Release Date: March 28, 2005
- 11 -
Revision A0
6 FUNCTIONAL DESCRIPTION
6.1 DETAILED DESCRIPTION
6.1.1
Audio Quality
Winbond’s patented ChipCorder
® Multi-Level Storage (MLS) technology provides a natural,
high-quality record and playback solution on a single chip. The input voice signals are stored
directly in the Flash memory and are reproduced in their natural form without any of the
compression artifacts caused by digital speech solutions.
6.1.2
Message Duration
The ISD1740A/50A/60A devices offer record and playback duration from 26 seconds to 120
seconds. Sampling rate and message duration are determined by an external resistor
connected to the ROSC pin.
Table 6.1 Duration vs. Sampling Frequency
Sample Rate
ISD1740A
ISD1750A
ISD1760A
12 kHz
26 sec
33 sec
40 sec
8 kHz
40 sec
50 sec
60 sec
6.4 kHz
50 sec
62 sec
75 sec
5.3 kHz
60 sec
75 sec
90 sec
4 kHz
80 sec
100 sec
120 sec
6.1.3
Flash Storage
The ISD1740A/50A/60A devices utilize embedded Flash memory to provide non-volatile
storage. A message can be retained for a minimum of 100 years without power. Additionally,
each device can be re-recorded over 10,000 times (typical).
6.2 MEMORY ARRAY ARCHITECTURE
The memory array provides storage for four special Sound Effects (SE) and the audio data. The
memory array is addressed by rows. A row is the minimum storage resolution by which the
memory can be addressed. The memory assignment is handled automatically by the internal
message management system.
The four sound effects occupy four rows of the first sixteen rows in the memory array. The
minimum storage resolution varies with the sampling frequency, as shown in Table 6.2.
Table 6.2 Minimum Storage Resolution vs. Sampling Frequency
Sampling Frequency
12 kHz
8 kHz
6.4 kHz
5.3 kHz
4 kHz
Minimum Storage Resolution
83.3 msec
125 msec
156 msec
187 msec
250 msec
For example, at 8 kHz sampling frequency, the minimum storage resolution is 125 msec, so, each
Sound Effect (SE) is approximately 0.5 seconds long. The remaining memory is dedicated to audio
data storage.


同様の部品番号 - ISD1700A

メーカー部品番号データシート部品情報
logo
Winbond
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
Multi-Message Single-Chip Voice Record & Playback Devices
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
Multi-Message Single-Chip Voice Record & Playback Devices
More results

同様の説明 - ISD1700A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Winbond
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
Multi-Message Single-Chip Voice Record & Playback Devices
logo
List of Unclassifed Man...
ISD1964SYI ETC2-ISD1964SYI Datasheet
499Kb / 29P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Nuvoton Technology Corp...
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
Multi-Message Single-Chip Voice Record & Playback Devices
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com