データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISD1700A データシート(PDF) 25 Page - Winbond

部品番号 ISD1700A
部品情報  Multi-Message Single-Chip Voice Record&Playback Devices
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINBOND [Winbond]
ホームページ  http://www.winbond.com
Logo WINBOND - Winbond

ISD1700A データシート(HTML) 25 Page - Winbond

Back Button ISD1700A Datasheet HTML 21Page - Winbond ISD1700A Datasheet HTML 22Page - Winbond ISD1700A Datasheet HTML 23Page - Winbond ISD1700A Datasheet HTML 24Page - Winbond ISD1700A Datasheet HTML 25Page - Winbond ISD1700A Datasheet HTML 26Page - Winbond ISD1700A Datasheet HTML 27Page - Winbond ISD1700A Datasheet HTML 28Page - Winbond ISD1700A Datasheet HTML 29Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
ISD1700A SERIES
Confidential
Publication Release Date: March 28, 2005
- 25 -
Revision A0
10.2
AC PARAMETERS
CHARACTERISTIC
SYMBOL
MIN
TYP
[1]
MAX
UNITS
CONDITIONS
Sampling Frequency
[2]
FS
4
12
kHz
Vcc=2.4 V~5.5V
Duration
[3]
TDur
Section 6.1.2
sec
Vcc=2.4 V~5.5V, all Fs
Rising time
Tr
0
100
nsec
Falling Time
Tf
0
100
nsec
16
msec
FS =12 kHz
24
msec
FS =8 kHz
30
msec
FS =6.4 kHz
37
msec
FS =5.3 kHz
Debounce Time
(REC, PLAY, ERASE,
FWD, VOL)
TDeb
48
msec
FS =4 kHz
Vcc=2.4
V~5.5 V
RESET Pulse
TRESET
1
µsec
Vcc=2.4 V~5.5 V
0.37
sec
FS =12 kHz
0.54
sec
FS =8 kHz
0.67
sec
FS =6.4 kHz
0.80
sec
FS =5.3 kHz
Record SetUp Time
TRSetUp
1.05
sec
FS =4 kHz
Vcc=2.4
V~5.5
V, with
SEs
played
0.35
sec
FS =12 kHz
0.52
sec
FS =8 kHz
0.65
sec
FS =6.4 kHz
0.77
sec
FS =5.3 kHz
Record Stop Time
TRStop
1.03
sec
FS =4 kHz
Vcc=2.4
V~5.5
V, with
SEs
played
Play SetUp Time
TPSetUp
100
msec
Vcc=2.4 V~5.5 V, all Fs
Play Stop Time
TPStop
33
msec
Vcc=2.4 V~5.5 V, all Fs
0.34
sec
FS =12 kHz
0.51
sec
FS =8 kHz
0.64
sec
FS =6.4 kHz
0.77
sec
FS =5.3 kHz
Erase Stop Time
TEStop
1.02
sec
FS =4 kHz
Vcc=2.4
V~5.5
V, with
SEs
played
AUD Ramp Up Time
TRU
4
msec
Vcc=2.4 V~5.5 V
AUD Ramp down Time
TRD
4
msec
Vcc=2.4 V~5.5 V
LED Cycle frequency
TCyc
1
6
Hz
Playback at any FS
Notes:
[1] Typical values: V
CC = 4.5 V, SF = 8 kHz and @ TA = 25°C, unless otherwise stated.
[2] Sampling Frequency can vary as much as ±2.25 percent over the temperature and voltage ranges.
[3] Duration can vary as much as ±2.25 percent over the commercial temperature and voltage ranges.


同様の部品番号 - ISD1700A

メーカー部品番号データシート部品情報
logo
Winbond
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
More results

同様の説明 - ISD1700A

メーカー部品番号データシート部品情報
logo
Winbond
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
Nuvoton Technology Corp...
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1964SYI ETC2-ISD1964SYI Datasheet
499Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com