データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FXP07.09.0100A データシート(PDF) 3 Page - Taoglas antenna solutions

部品番号 FXP07.09.0100A
部品情報  Flexible PCB Penta Band GSM Antenna
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAOGLAS [Taoglas antenna solutions]
ホームページ  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXP07.09.0100A データシート(HTML) 3 Page - Taoglas antenna solutions

  FXP07.09.0100A_16 Datasheet HTML 1Page - Taoglas antenna solutions FXP07.09.0100A_16 Datasheet HTML 2Page - Taoglas antenna solutions FXP07.09.0100A_16 Datasheet HTML 3Page - Taoglas antenna solutions FXP07.09.0100A_16 Datasheet HTML 4Page - Taoglas antenna solutions FXP07.09.0100A_16 Datasheet HTML 5Page - Taoglas antenna solutions FXP07.09.0100A_16 Datasheet HTML 6Page - Taoglas antenna solutions FXP07.09.0100A_16 Datasheet HTML 7Page - Taoglas antenna solutions FXP07.09.0100A_16 Datasheet HTML 8Page - Taoglas antenna solutions FXP07.09.0100A_16 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SPE-12-8-051/C/ZL
Page 3 of 11
2.1 Mounting instructions and ground-plane connection
Peel back 3m paper. On the underside of the antenna is automotive grade 3m adhesive
(glue) for sticking the FXP.07 directly to plastic (e.g. housing). The antenna can be
curved around housing but should not be folded sharply
Ground connection - this small
square pad at the bottom of the
FXP.07 can be seen when paper is
removed. This should be connected
to extra ground or metal to increase
efficiency (e.g. allow pad to touch
the side of a PCB like the picture
above
This is the antenna
trace or signal feed
and should be allowed
to be free from the
PCB and allowed to
exist in free area on
non metal area
(plastic housing)_


同様の部品番号 - FXP07.09.0100A_16

メーカー部品番号データシート部品情報
logo
Taoglas antenna solutio...
FXP07.09.0100A TAOGLAS-FXP07.09.0100A Datasheet
979Kb / 11P
Flexible PCB Penta Band GSM Antenna
More results

同様の説明 - FXP07.09.0100A_16

メーカー部品番号データシート部品情報
logo
Taoglas antenna solutio...
FXP07.07.0100A TAOGLAS-FXP07.07.0100A Datasheet
1,022Kb / 10P
Flexible PCB Penta Band GSM Antenna
FXP07.07.0100A TAOGLAS-FXP07.07.0100A_16 Datasheet
1Mb / 10P
Flexible PCB Penta Band GSM Antenna
FXP07.09.0100A TAOGLAS-FXP07.09.0100A Datasheet
979Kb / 11P
Flexible PCB Penta Band GSM Antenna
FXP07070100A TAOGLAS-FXP07070100A Datasheet
1,022Kb / 10P
Flexible PCB Penta Band GSM Antenna, 100mm 횠1.13 cable, IPEX connector
logo
Pulse A Technitrol Comp...
L143 PULSE-L143 Datasheet
1Mb / 5P
GSM/3G Penta Band Hybrid PCB Antenna
logo
List of Unclassifed Man...
FXP07070100A ETC2-FXP07070100A Datasheet
1Mb / 11P
Flexible PCB Penta Band GSM Antenna 100mm 횠1.13 cable IPEX connector
logo
Taoglas antenna solutio...
PC30070100A TAOGLAS-PC30070100A Datasheet
336Kb / 7P
FR4 Penta-band GSM Antenna
PC30.07.0100A TAOGLAS-PC30.07.0100A Datasheet
472Kb / 7P
FR4 Penta-band GSM Antenna
PC30090100A TAOGLAS-PC30090100A Datasheet
322Kb / 7P
FR4 Penta-band GSM Antenna
logo
List of Unclassifed Man...
PC30070100A ETC2-PC30070100A Datasheet
336Kb / 7P
FR4 Penta-band GSM Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com