データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FXP07.09.0100A データシート(PDF) 4 Page - Taoglas antenna solutions

部品番号 FXP07.09.0100A
部品情報  Flexible PCB Penta Band GSM Antenna
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAOGLAS [Taoglas antenna solutions]
ホームページ  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXP07.09.0100A データシート(HTML) 4 Page - Taoglas antenna solutions

  FXP07.09.0100A_16 Datasheet HTML 1Page - Taoglas antenna solutions FXP07.09.0100A_16 Datasheet HTML 2Page - Taoglas antenna solutions FXP07.09.0100A_16 Datasheet HTML 3Page - Taoglas antenna solutions FXP07.09.0100A_16 Datasheet HTML 4Page - Taoglas antenna solutions FXP07.09.0100A_16 Datasheet HTML 5Page - Taoglas antenna solutions FXP07.09.0100A_16 Datasheet HTML 6Page - Taoglas antenna solutions FXP07.09.0100A_16 Datasheet HTML 7Page - Taoglas antenna solutions FXP07.09.0100A_16 Datasheet HTML 8Page - Taoglas antenna solutions FXP07.09.0100A_16 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SPE-12-8-051/C/ZL
Page 4 of 11
3. Electrical Property
3.1 Test Setup
FXP.07 was designed with a cell-phone size ground plane (110 x 45 mm). Tests were
setup to demonstrate its RF properties with this ground plane, in free space and
adhered to a plastic box to simulate a typical application device. Satimo SG64
3D-chamber is used for radiation and efficiency test with 5% tolerance.
Satimo SG64 3D-chamber and antenna setup reference.
z
y
x


同様の部品番号 - FXP07.09.0100A_16

メーカー部品番号データシート部品情報
logo
Taoglas antenna solutio...
FXP07.09.0100A TAOGLAS-FXP07.09.0100A Datasheet
979Kb / 11P
Flexible PCB Penta Band GSM Antenna
More results

同様の説明 - FXP07.09.0100A_16

メーカー部品番号データシート部品情報
logo
Taoglas antenna solutio...
FXP07.07.0100A TAOGLAS-FXP07.07.0100A Datasheet
1,022Kb / 10P
Flexible PCB Penta Band GSM Antenna
FXP07.07.0100A TAOGLAS-FXP07.07.0100A_16 Datasheet
1Mb / 10P
Flexible PCB Penta Band GSM Antenna
FXP07.09.0100A TAOGLAS-FXP07.09.0100A Datasheet
979Kb / 11P
Flexible PCB Penta Band GSM Antenna
FXP07070100A TAOGLAS-FXP07070100A Datasheet
1,022Kb / 10P
Flexible PCB Penta Band GSM Antenna, 100mm 횠1.13 cable, IPEX connector
logo
Pulse A Technitrol Comp...
L143 PULSE-L143 Datasheet
1Mb / 5P
GSM/3G Penta Band Hybrid PCB Antenna
logo
List of Unclassifed Man...
FXP07070100A ETC2-FXP07070100A Datasheet
1Mb / 11P
Flexible PCB Penta Band GSM Antenna 100mm 횠1.13 cable IPEX connector
logo
Taoglas antenna solutio...
PC30070100A TAOGLAS-PC30070100A Datasheet
336Kb / 7P
FR4 Penta-band GSM Antenna
PC30.07.0100A TAOGLAS-PC30.07.0100A Datasheet
472Kb / 7P
FR4 Penta-band GSM Antenna
PC30090100A TAOGLAS-PC30090100A Datasheet
322Kb / 7P
FR4 Penta-band GSM Antenna
logo
List of Unclassifed Man...
PC30070100A ETC2-PC30070100A Datasheet
336Kb / 7P
FR4 Penta-band GSM Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com