データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K105 データシート(PDF) 3 Page - Dongguan City Niuhang Electronics Co.LTD

部品番号 K105
部品情報  HIGH VOLTAGE BIDIRECTIONAL TRIGGER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
ホームページ  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

K105 データシート(HTML) 3 Page - Dongguan City Niuhang Electronics Co.LTD

  K105 Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD K105 Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD K105 Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page: 3 of 3
Date:2014/10/20
Rev.:AA
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
K090 THRU K260
70 to 220 Volts
HIGH VOLTAGE BIDIRECTIONAL TRIGGER DIODE
Maximum Allowable Ambient Temperature versus
On-state Current
Normalized VBO Change versus Junction Temperature
On-state Current versus On-state Voltage (Typical)
Power Dissipation (Typical) versus On-state Current
[Refer to Figure E9.14 for Basic Sidac Circuit]
0
0.2
0.4
0.6
0.8
1.0
20
40
60
80
100
120
140
25
RMS On-state Current [I
T(RMS)] – Amps
CURRENT WAVEFORM: Sinusoidal - 60 Hz
LOAD: Resistive or Inductive
FREE AIR RATING
-12
-20
0
+20
+40
+60
+80
+100
+120
-10
-8
-6
-4
-2
0
+2
+4
-40
+25
Junction Temperature (TJ) – ˚C
+140
0
0.8
1.2
1.0
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
0
1
2
3
4
5
6
7
8
9
Positive or Negative Instantaneous On-state Voltage (vT) – Volts
TL = 25 ˚C
0.2
0.4
0.6
0.8
1.0
0
0.4
0.8
1.2
1.6
0.2
0.6
1.0
1.4
1.8
2.0
2.2
RMS On-state Current [IT(RMS)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE:
See Basic Sidac Cirucit
RATINGS AND CHARACTERISTIC CURVES K090 THRU K260
http://www.nhel.com.cn


同様の部品番号 - K105

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
K105 ETC1-K105 Datasheet
101Kb / 2P
Silicon Bilateral Voltage Triggered Switch
logo
Shanghai Leiditech Elec...
K1050 LEIDITECH-K1050 Datasheet
644Kb / 6P
High voltage lamp ignitors
logo
Teccor Electronics
K1050E70 TECCOR-K1050E70 Datasheet
269Kb / 6P
silicon bilateral voltage triggered switch
K1050E70 TECCOR-K1050E70 Datasheet
2Mb / 224P
Thyristor Product Catalog
logo
Littelfuse
K1050E70 LITTELFUSE-K1050E70 Datasheet
181Kb / 7P
High-voltage lamp ignitors
More results

同様の説明 - K105

メーカー部品番号データシート部品情報
logo
Shanghai Sunrise Electr...
DB3 SSE-DB3 Datasheet
15Kb / 1P
BIDIRECTIONAL TRIGGER DIODE
logo
Shanghai Shunye Electro...
DB3 SY-DB3 Datasheet
234Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
logo
Diotech Company.
DB3 DIOTECH-DB3 Datasheet
1Mb / 3P
BIDIRECTIONAL TRIGGER DIODE
DB4 DIOTECH-DB4 Datasheet
1Mb / 3P
BIDIRECTIONAL TRIGGER DIODE
LLDB3 DIOTECH-LLDB3 Datasheet
1Mb / 3P
BIDIRECTIONAL TRIGGER DIODE
logo
Microdiode Semiconducto...
DB3 CHENDA-DB3 Datasheet
591Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SMADB3 CHENDA-SMADB3 Datasheet
550Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SODDB3 CHENDA-SODDB3 Datasheet
557Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SODDB3 CHENDA-SODDB3_17 Datasheet
597Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SMADB3 CHENDA-SMADB3_17 Datasheet
601Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com