データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K105 データシート(PDF) 1 Page - Dongguan City Niuhang Electronics Co.LTD

部品番号 K105
部品情報  HIGH VOLTAGE BIDIRECTIONAL TRIGGER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
ホームページ  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

K105 データシート(HTML) 1 Page - Dongguan City Niuhang Electronics Co.LTD

  K105 Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD K105 Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD K105 Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Date:2014/10/20
http://www.nhel.com.cn
Page: 1 of 3
Rev.:AA
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
K090 THRU K260
70 to 220 Volts
HIGH VOLTAGE BIDIRECTIONAL TRIGGER DIODE
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Bidirectional crowbar protection
Fast response
High forward surge current capability
High temperature soldering guaranteed
250 C/10 seconds on terminals
FEATURES
SMB/DO214AA
Dimensions in millimeters
High surge current capability
Thermal Considerations
Symbol
Parameter
Value
Unit
TJ
Operating Junction Temperature Range
-40 to +125
°C
TS
Storage Temperature Range
-65 to +150
°C
RqJA
Thermal Resistance: Junction to Ambient
90
°C/W
Average On-state Current (AV)
1.0
A
Maximum Surge Current (50H )
4.0
A
TTSM
I T
Case : JEDEC DO-214AA molded plastic body
Terminals: Plated leads, solderable per MIL-STD-750,
Method 2026
Mounting Position : Any
Weight : 0.0048 ounce, 0.136grams
MECHANICAL DATA
Electrical Parameters
Part
Number
VDRM
Volts
V
Volts
IDRM
µAmps
IH
mAmps
I
mAmps
VTM
K090
70
1
80
100
0.5
10
50
2.0
K110
95
1
100
120
0.5
10
50
2.0
K120
100
1
110
130
0.5
10
50
2.0
K130
110
1
120
140
0.5
10
50
2.0
K140
120
1
130
150
0.5
10
50
2.0
K160
140
1
150
170
0.5
10
50
2.0
K180
160
1
170
190
0.5
10
50
2.0
K200
180
1
190
210
0.5
10
50
2.0
K220
190
1
210
230
0.5
10
50
2.0
K240
200
1
230
250
0.5
10
50
2.0
K260
220
1
250
270
0.5
10
50
2.0
Min
Max
BO
Min
Max
BO
Volts
Max
Min
Max
Max
K105
90
1
95
115
0.5
10
50
2.0
K150
130
1
140
160
0.5
10
50
2.0


同様の部品番号 - K105

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
K105 ETC1-K105 Datasheet
101Kb / 2P
Silicon Bilateral Voltage Triggered Switch
logo
Shanghai Leiditech Elec...
K1050 LEIDITECH-K1050 Datasheet
644Kb / 6P
High voltage lamp ignitors
logo
Teccor Electronics
K1050E70 TECCOR-K1050E70 Datasheet
269Kb / 6P
silicon bilateral voltage triggered switch
K1050E70 TECCOR-K1050E70 Datasheet
2Mb / 224P
Thyristor Product Catalog
logo
Littelfuse
K1050E70 LITTELFUSE-K1050E70 Datasheet
181Kb / 7P
High-voltage lamp ignitors
More results

同様の説明 - K105

メーカー部品番号データシート部品情報
logo
Shanghai Sunrise Electr...
DB3 SSE-DB3 Datasheet
15Kb / 1P
BIDIRECTIONAL TRIGGER DIODE
logo
Shanghai Shunye Electro...
DB3 SY-DB3 Datasheet
234Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
logo
Diotech Company.
DB3 DIOTECH-DB3 Datasheet
1Mb / 3P
BIDIRECTIONAL TRIGGER DIODE
DB4 DIOTECH-DB4 Datasheet
1Mb / 3P
BIDIRECTIONAL TRIGGER DIODE
LLDB3 DIOTECH-LLDB3 Datasheet
1Mb / 3P
BIDIRECTIONAL TRIGGER DIODE
logo
Microdiode Semiconducto...
DB3 CHENDA-DB3 Datasheet
591Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SMADB3 CHENDA-SMADB3 Datasheet
550Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SODDB3 CHENDA-SODDB3 Datasheet
557Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SODDB3 CHENDA-SODDB3_17 Datasheet
597Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SMADB3 CHENDA-SMADB3_17 Datasheet
601Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com