データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UP04316 データシート(PDF) 2 Page - Panasonic Semiconductor

部品番号 UP04316
部品情報  For switching & For digital circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UP04316 データシート(HTML) 2 Page - Panasonic Semiconductor

  UP04316 Datasheet HTML 1Page - Panasonic Semiconductor UP04316 Datasheet HTML 2Page - Panasonic Semiconductor UP04316 Datasheet HTML 3Page - Panasonic Semiconductor UP04316 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UP04316
2
SJJ00249BED
Common characteristics chart
PT  Ta
Characteristics charts of Tr1
IC  VCE
VCE(sat)  IC
hFE  IC
■ Electrical Characteristics (continued) T
a = 25°C ± 3°C
• Tr2
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = −10 µA, IE = 0
−50
V
Collector-emitter voltage (Base open)
VCEO
IC
= −2 mA, I
B
= 0
−50
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = −50 V, IE = 0
− 0.1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = −50 V, IB = 0
− 0.5
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB
= −6 V, I
C
= 0
− 0.01
mA
Forward current transfer ratio
hFE
VCE = −10 V, IC = −5 mA
160
460
Collector-emitter saturation voltage
VCE(sat)
IC = −10 mA, IB = − 0.3 mA
− 0.25
V
Output voltage high-level
VOH
VCC
= −5 V, V
B
= − 0.5 V, R
L
= 1 kΩ
−4.9
V
Output voltage low-level
VOL
VCC = −5 V, VB = −2.5 V, RL = 1 kΩ− 0.2
V
Input resistance
R1
−30%
4.7
+30%
k
Transition frequency
fT
VCB
= −10 V, I
E
= 1 mA, f = 200 MHz
80
MHz
0
0
160
40
120
80
250
150
50
Ambient temperature T
a (°C)
100
200
0
012
48
40
120
80
160
Ta
= 25°C
IB
= 1.0 mA
0.1 mA
0.2 mA
0.3 mA
0.4 mA
0.5 mA
0.6 mA
0.7 mA
0.8 mA
0.9 mA
Collector-emitter voltage V
CE (V)
10−2
10−1
10−1
1
10
102
110
102
IC / IB
= 10
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
0
1
100
200
300
400
10
102
103
VCE
= 10 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD
JIS C 7030 measuring methods for transistors.


同様の部品番号 - UP04316

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
UP04312 PANASONIC-UP04312 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type (Tr1)
UP04314 PANASONIC-UP04314 Datasheet
113Kb / 5P
Silicon NPN epitaxial planar type (Tr1) / Silicon PNP epitaxial planar type (Tr2)
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
More results

同様の説明 - UP04316

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
XN04211 PANASONIC-XN04211 Datasheet
81Kb / 3P
For switching/digital circuits
XN01112 PANASONIC-XN01112 Datasheet
77Kb / 3P
Silicon PNP epitaxial planar type For switching/digital circuits
XN01210 PANASONIC-XN01210 Datasheet
76Kb / 3P
Silicon NPN epitaxial planar type For switching/digital circuits
XN01212 PANASONIC-XN01212 Datasheet
85Kb / 3P
Silicon NPN epitaxial planar type For switching/digital circuits
XP0121M PANASONIC-XP0121M Datasheet
80Kb / 3P
Silicon NPN epitaxial planar type For switching/digital circuits
DA4X101K0R PANASONIC-DA4X101K0R Datasheet
327Kb / 5P
For high speed switching circuits
XP06211 PANASONIC-XP06211 Datasheet
93Kb / 3P
Composite Transistors, Silicon NPN epitaxial planar type For switching/digital circuits
EXB-A10E471J PANASONIC-EXB-A10E471J Datasheet
112Kb / 2P
High density placing for digital signal circuits
logo
Rohm
BD9738KN ROHM-BD9738KN Datasheet
462Kb / 6P
7-Channel Switching Regulator Controller for Digital Camera
BD9739KN ROHM-BD9739KN Datasheet
422Kb / 6P
7-Channel Switching Regulator Controller for Digital Camera
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com