データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N052-024 データシート(PDF) 1 Page - Tripp Lite. All Rights Reserved

部品番号 N052-024
部品情報  24-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet, TAA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N052-024 データシート(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N052-024 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N052-024 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
24-Port 1U Rack-Mount Cat5e 110 Patch Panel,
568B, RJ45 Ethernet, TAA
MODEL NUMBER: N052-024
Description
Tripp Lite's Enhanced Category 5 Patch Panels offer you all the functionality and compatibility as any
name brand. Each panel comes with 110-type termination, while meeting and exceeding EIA/TIA TSB-40
Cat5e connecting hardware specifications. Color coded for both EIA/TIA 568A & 568B installations. 24
ports ensure a wide range of plug-n-play options. The clear numbering on both the front and back of each
panel gives you a quick and easy way to identify cable runs and the high density 19in panel design will
save you valuable space in on the rack.
Features
Cat5e
q
UL approved
q
Ports clearly numbered both on front and back
q
Labels on front enable each port to be named
q
Color coded label on back offers both EIA/TIA 568A & 568B wiring
q
Metal frame
q
EIA/TIA 2/32 spacing
q
Rack mountable on a 19 rack (1U of space)
q
Highlights
19-in. rackmount ready, 1U (
1.75in )
q
EIA/TIA 2/32 spacing
q
Compliant with the Federal
Trade Agreements Act (TAA) for
GSA Schedule purchases
q
Package Includes
Cat5e Patch Panel 568B- 24
Port, 1U
q
OVERVIEW
UPC Code
037332013194
PHYSICAL
Shipping Dimensions (hwd / in.)
2.20 x 20.50 x 4.25
1 / 2


同様の部品番号 - N052-024

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
N052-012 TRIPPLITE-N052-012 Datasheet
154Kb / 2P
   12-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N052-048 TRIPPLITE-N052-048 Datasheet
159Kb / 2P
   48-Port 2U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N052-048-1U TRIPPLITE-N052-048-1U Datasheet
486Kb / 2P
   48-Port 1U Rack-Mount High-Density UTP 110-Type Patch Panel, RJ45 Ethernet, 568B, Cat5/5e
More results

同様の説明 - N052-024

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
N052-012 TRIPPLITE-N052-012 Datasheet
154Kb / 2P
   12-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N052024 TRIPPLITE-N052024 Datasheet
478Kb / 2P
   24-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet
N052012 TRIPPLITE-N052012 Datasheet
475Kb / 2P
   12-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet
N252-024 TRIPPLITE-N252-024 Datasheet
155Kb / 2P
   24-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N052-048 TRIPPLITE-N052-048 Datasheet
159Kb / 2P
   48-Port 2U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N054-024 TRIPPLITE-N054-024 Datasheet
155Kb / 2P
   24-Port 1U Rack-Mount Cat5e Feedthrough Patch Panel, RJ45 Ethernet, TAA
N252-012 TRIPPLITE-N252-012 Datasheet
154Kb / 2P
   12-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel 568B, RJ45 Ethernet, TAA
N252024 TRIPPLITE-N252024 Datasheet
479Kb / 2P
   24-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet
N252-024-HU TRIPPLITE-N252-024-HU Datasheet
157Kb / 2P
   24-Port 0.5U Rack-Mount Cat6/Cat5 110 Patch Panel 568B, RJ45 Ethernet, TAA
N052048 TRIPPLITE-N052048 Datasheet
493Kb / 2P
   48-Port 2U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com