データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N254-024-SH-6A データシート(PDF) 1 Page - Tripp Lite. All Rights Reserved

部品番号 N254-024-SH-6A
部品情報  24-Port 1U Rack-Mount STP Shielded Cat6a Feedthrough Patch Panel, RJ45 Ethernet, TAA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N254-024-SH-6A データシート(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N254-024-SH-6A Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N254-024-SH-6A Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
24-Port 1U Rack-Mount STP Shielded Cat6a
Feedthrough Patch Panel, RJ45 Ethernet, TAA
MODEL NUMBER: N254-024-SH-6A
Manages and organizes Cat6a input and output cable connections in your high-density 10 Gbps Ethernet
network. Features shielded RJ45 coupler jacks, so no 110 punchdown termination is required.
Description
The N254-024-SH-6A 24-Port 1U Rack-Mount STP Shielded Cat6a Feedthrough Patch Panel meets or
exceeds Cat6a specifications and works with USOC, T568A and T568B wiring to comply with industry
standards. Fully rated for 10 Gbps Ethernet data transfer speeds, this low-profile patch panel manages
and organizes the cabling in your high-density network. No 110 punchdown termination is required. Just
plug your Cat6a cables into the 24 fully shielded RJ45 coupler jacks on both sides of the panel. The
detachable cable management bar keeps patch cables neat, tidy and efficiently organized on the back of
the panel. Ports are clearly numbered and labeled to help you identify connections. Mounts easily into 1U
of an EIA-standard 19-inch rack. Grounding wire included. Compliant with the Federal Trade Agreements
Act (TAA) for GSA Schedule purchases.
Features
Manages and Organizes High-Density Network Cabling
Meets or exceeds Cat6a specifications
q
Works with USOC, T568A and T568B wiring to comply with industry standards
q
Fully rated for 10 Gbps Ethernet data transfer speeds
q
Top-Quality Performance and Efficiency
24 fully shielded RJ45 coupler jacks on both the front and rear
q
Ports are numbered and labeled for easy connection identification
q
Low-profile form factor requires no 110 punchdown termination
q
Cable Management Bar on Rear
Highlights
Meets or exceeds Cat6a
specifications
q
24 shielded RJ45 coupler jacks
on both sides
q
Cable management bar keeps
patch cables organized
q
Rated for 10 Gbps Ethernet data
transfer speeds
q
Mounts into 1U of EIA-standard
19 in. racks
q
Package Includes
N254-024-SH-6A 24-Port 1U
Rack-Mount STP Shielded
Cat6a Feedthrough Patch Panel
q
Detachable cable management
bar
q
Grounding wire
q
1 / 2


同様の部品番号 - N254-024-SH-6A

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
N254-024-SH-6AD TRIPPLITE-N254-024-SH-6AD Datasheet
168Kb / 3P
   24-Port 1U Rack-Mount STP Shielded Cat6a Feedthrough Patch Panel with 90-Degree Down-Angled Ports, RJ45 Ethernet, TAA
More results

同様の説明 - N254-024-SH-6A

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
N254-048-SH-6A TRIPPLITE-N254-048-SH-6A Datasheet
161Kb / 2P
   48-Port 1U Rack-Mount STP Shielded Cat6a Feedthrough Patch Panel, RJ45 Ethernet, TAA
N254-024-6A TRIPPLITE-N254-024-6A Datasheet
160Kb / 2P
   24-Port 1U Rack-Mount Cat6a Feedthrough Patch Panel, RJ45 Ethernet
N254-024-SH-6AD TRIPPLITE-N254-024-SH-6AD Datasheet
168Kb / 3P
   24-Port 1U Rack-Mount STP Shielded Cat6a Feedthrough Patch Panel with 90-Degree Down-Angled Ports, RJ45 Ethernet, TAA
N254024SH TRIPPLITE-N254024SH Datasheet
476Kb / 2P
   24-Port 1U Rack-Mount STP Shielded Cat6 /Cat5 Feedthrough Patch Panel, RJ45 Ethernet
N054-024 TRIPPLITE-N054-024 Datasheet
155Kb / 2P
   24-Port 1U Rack-Mount Cat5e Feedthrough Patch Panel, RJ45 Ethernet, TAA
N254-024 TRIPPLITE-N254-024 Datasheet
155Kb / 2P
   24-Port 1U Rack-Mount Cat6/Cat5 Feedthrough Patch Panel, RJ45 Ethernet, TAA
N054024 TRIPPLITE-N054024 Datasheet
477Kb / 2P
   24-Port 1U Rack-Mount Cat5e Feedthrough Patch Panel, RJ45 Ethernet
N254-024-6AD TRIPPLITE-N254-024-6AD Datasheet
166Kb / 2P
   24-Port 1U Rack-Mount Cat6a Feedthrough Patch Panel with 90-Degree Down-Angled Ports, RJ45 Ethernet, TAA
N254024 TRIPPLITE-N254024 Datasheet
477Kb / 2P
   24-Port 1U Rack-Mount Cat6/Cat5 Feedthrough Patch Panel, RJ45 Ethernet
N252-024-6A-SH TRIPPLITE-N252-024-6A-SH Datasheet
161Kb / 3P
   24-Port Cat6a Shielded Patch Panel - 10 Gbps, STP, 110 Punch Down, RJ45, 1U, TAA
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com