データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N254-024-SH-6AD データシート(PDF) 1 Page - Tripp Lite. All Rights Reserved

部品番号 N254-024-SH-6AD
部品情報  24-Port 1U Rack-Mount STP Shielded Cat6a Feedthrough Patch Panel with 90-Degree Down-Angled Ports, RJ45 Ethernet, TAA
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N254-024-SH-6AD データシート(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N254-024-SH-6AD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N254-024-SH-6AD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved N254-024-SH-6AD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
24-Port 1U Rack-Mount STP Shielded Cat6a
Feedthrough Patch Panel with 90-Degree Down-
Angled Ports, RJ45 Ethernet, TAA
MODEL NUMBER: N254-024-SH-6AD
Manages and organizes Cat6a input and output cable connections in your high-density Ethernet network.
Recommended for MDFs and IDFs where quick patching changes are necessary.
Description
The N254-024-SH-6AD 24-Port 1U Rack-Mount STP Shielded Cat6a Feedthrough Patch Panel meets or
exceeds Cat6a specifications and works with USOC, T568A and T568B wiring to comply with industry
standards. Its 24 RJ45 ports point downward at a 90-degree angle to make installation in hard-to-reach
places easier.
Recommended for MDFs (main distribution frames) and IDFs (intermediate distribution frames) where
quick patching changes are necessary, this low-profile patch panel manages and organizes the cabling in
your high-density network. No 110 punchdown termination is required. Just plug your Cat6a cables into
the fully shielded RJ45 coupler jacks on both sides of the panel.
Made from heavy-duty 14-gauge cold-rolled steel, the N254-024-SH-6AD features numbered ports to help
you identify connections. It mounts easily into 1U of an EIA-standard 19-inch rack. Mounting hardware is
also included for wall-mount installs. Grounding wire included. Compliant with the Federal Trade
Agreements Act (TAA) for GSA Schedule purchases.
Features
Manages and Organizes High-Density Network Cabling
Meets or exceeds Cat6a specifications
q
Works with USOC, T568A and T568B wiring to comply with industry standards
q
Heavy-duty 14 ga cold-rolled steel construction
q
Recommended for MDFs and IDFs where quick patching changes are necessary
q
Highlights
90° down-angled RJ45 ports for
installation in tight spaces
q
No 110 punchdown termination
required
q
Ports are numbered for easy
connection identification
q
Mounts into 1U of EIA-standard
19 in. racks
q
Mounting hardware included for
wallmount installs
q
Package Includes
N254-024-SH-6AD 24-Port 1U
Rack-Mount STP Shielded
Cat6a Feedthrough Patch Panel
q
(24) Cat6a shielded snap-in
RJ45 couplers (F/F)
q
Grounding wire
q
Wall-mount hardware
q
Owner’s manual
q
1 / 3


同様の部品番号 - N254-024-SH-6AD

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
N254-024-SH-6A TRIPPLITE-N254-024-SH-6A Datasheet
160Kb / 2P
   24-Port 1U Rack-Mount STP Shielded Cat6a Feedthrough Patch Panel, RJ45 Ethernet, TAA
More results

同様の説明 - N254-024-SH-6AD

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
N254-024-6AD TRIPPLITE-N254-024-6AD Datasheet
166Kb / 2P
   24-Port 1U Rack-Mount Cat6a Feedthrough Patch Panel with 90-Degree Down-Angled Ports, RJ45 Ethernet, TAA
N254-024-SH-6A TRIPPLITE-N254-024-SH-6A Datasheet
160Kb / 2P
   24-Port 1U Rack-Mount STP Shielded Cat6a Feedthrough Patch Panel, RJ45 Ethernet, TAA
N254-048-SH-6A TRIPPLITE-N254-048-SH-6A Datasheet
161Kb / 2P
   48-Port 1U Rack-Mount STP Shielded Cat6a Feedthrough Patch Panel, RJ45 Ethernet, TAA
N254-024-SH-D TRIPPLITE-N254-024-SH-D Datasheet
484Kb / 2P
   24-Port 1U Rack-Mount STP Shielded Cat5e/6 Feedthrough Patch Panel w/90-Degree Down-Angle Ports, RJ45 Ethernet
N254-024-6A TRIPPLITE-N254-024-6A Datasheet
160Kb / 2P
   24-Port 1U Rack-Mount Cat6a Feedthrough Patch Panel, RJ45 Ethernet
N254024SH TRIPPLITE-N254024SH Datasheet
476Kb / 2P
   24-Port 1U Rack-Mount STP Shielded Cat6 /Cat5 Feedthrough Patch Panel, RJ45 Ethernet
N054-024 TRIPPLITE-N054-024 Datasheet
155Kb / 2P
   24-Port 1U Rack-Mount Cat5e Feedthrough Patch Panel, RJ45 Ethernet, TAA
N254-024 TRIPPLITE-N254-024 Datasheet
155Kb / 2P
   24-Port 1U Rack-Mount Cat6/Cat5 Feedthrough Patch Panel, RJ45 Ethernet, TAA
N252-024-6A-SH TRIPPLITE-N252-024-6A-SH Datasheet
161Kb / 3P
   24-Port Cat6a Shielded Patch Panel - 10 Gbps, STP, 110 Punch Down, RJ45, 1U, TAA
N054024 TRIPPLITE-N054024 Datasheet
477Kb / 2P
   24-Port 1U Rack-Mount Cat5e Feedthrough Patch Panel, RJ45 Ethernet
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com