| データシートサーチシステム |
|
DSP56857 データシート(PDF) 212 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 データシート(HTML) 212 Page - Freescale Semiconductor, Inc |
|
212 / 662 page ![]() Register Descriptions (ITCN_BASE = $1FFF20) 5685X Digital Signal Controller User Manual, Rev. 4 8-34 Freescale Semiconductor SCI 1 69 0-2 P:$8A SCI 1 Receiver Full — HI8 70 P:$8C Available for Host Command Not on 855 HI8 71 P:$8E Available for Host Command Not on 855 HI8 72 P:$90 Available for Host Command Not on 855 HI8 73 P:$92 Available for Host Command Not on 855 HI8 74 P:$94 Available for Host Command Not on 855 HI8 75 P:$96 Available for Host Command Not on 855 HI8 76 P:$98 Available for Host Command Not on 855 HI8 77 P:$9A Available for Host Command Not on 855 HI8 78 P:$9C Available for Host Command Not on 855 HI8 79 P:$9E Available for Host Command Not on 855 HI8 80 P:$A0 Available for Host Command Not on 855 HI8 81 P:$A2 Available for Host Command Not on 855 HI8 82 P:$A4 Available for Host Command Not on 855 HI8 83 P:$A6 Available for Host Command Not on 855 HI8 84 P:$A8 Available for Host Command Not on 855 HI8 85 P:$AA Available for Host Command Not on 855 HI8 86 P:$AC Available for Host Command Not on 855 HI8 87 P:$AE Available for Host Command Not on 855 HI8 88 P:$B0 Available for Host Command Not on 855 HI8 89 P:$B2 Available for Host Command Not on 855 HI8 90 P:$B4 Available for Host Command Not on 855 HI8 91 P:$B6 Available for Host Command Not on 855 HI8 92 P:$B8 Available for Host Command Not on 855 HI8 93 P:$BA Available for Host Command Not on 855 HI8 94 P:$BC Available for Host Command Not on 855 HI8 95 P:$BE Available for Host Command Not on 855 HI8 96 P:$C0 Available for Host Command Not on 855 HI8 97 P:$C2 Available for Host Command Not on 855 HI8 98 P:$C4 Available for Host Command Not on 855 HI8 99 P:$C6 Available for Host Command Not on 855 HI8 100 P:$C8 Available for Host Command Not on 855 HI8 101 P:$CA Available for Host Command Not on 855 HI8 102 P:$CC Available for Host Command Not on 855 HI8 103 P:$CE Available for Host Command Not on 855 HI8 104 P:$D0 Available for Host Command Not on 855 HI8 105 P:$D2 Available for Host Command Not on 855 HI8 106 P:$D4 Available for Host Command Not on 855 HI8 107 P:$D6 Available for Host Command Not on 855 HI8 108 P:$D8 Available for Host Command Not on 855 HI8 109 P:$DA Available for Host Command Not on 855 HI8 110 P:$DC Available for Host Command Not on 855 Table 8-3. Interrupt Vector Table Contents (Continued) Peripheral Vector Number Priority Level Vector Base Address + Interrupt Function Chip Exceptions |