データシートサーチシステム |
|
C555 データシート(PDF) 3 Page - Unisonic Technologies |
|
|
C555 データシート(HTML) 3 Page - Unisonic Technologies |
3 / 4 page C555 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 3 of 4 www.unisonic.com.tw QW-R502-A12.D ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT Supply Voltage VCC 16 V Input Voltage VTH, VTRIG, VRST -0.3 ~ VCC+0.3 V Output Current IO 100 mA Power Dissipation PD 200 mW Junction Temperature TJ +125 °C Operating Temperature TOPR -20 ~ +85 °C Storage Temperature TSTG -65 ~ +150 °C Note: Absolute maximum ratings and operation rating recommended are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. RECOMMENDED OPERATING CONDITIONS PARAMETER SYMBOL RATINGS UNIT Supply Voltage VCC 7 ~ 15 V Output Current IO 20 mA Operating Temperature TOPR -20 ~ 70 °C ELECTRICAL CHARACTERISTICS (unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT TA=25°C VCC=7V 200 μA Supply Current ICC VCC=15V 600 μA Initial Accuracy ACCUR 5 % Drift with Supply Voltage ∆t/∆VCC VCC=7V, RL=1~100kΩ, CL=0.1μF 3 %/C Control Voltage VC 0.4×VCC 0.75×VCC V Threshold Voltage VTH VCC=7V 0.4×VCC 0.70×VCC V Trigger Voltage VTR VCC=7V 0.28×VCC 0.36×VCC V Reset Voltage VRST VCC=7~15V 0.4 2.0 V VCC=7V, IOL=3.2 mA 0.4 V Low Output Voltage VOL VCC=15V, IOL=20mA 1.0 V VCC=7V, IOL=0.8mA 6.0 V High Output Voltage VOH VCC=15V, IOL=0.8mA 14.3 V Rise/Fall Time of Output tTHL, tTLH, VCC=15V, RL=10MΩ, CL=10pF 35 75 ns Guaranteed Max Osc Freq fMAX VCC=7~15V, Astable Operation 500 kHz TA=-20~70°C VCC=7V 400 μA Supply Current ICC VCC=15V 800 μA Initial Accuracy ACCUR VCC=7V, RL=1~100kΩ, CL=0.1μF5 % VCC=5V 0.02 %/°C Drift with Temperature ∆t/∆T VCC=15V 0.06 %/°C Drift with Supply Voltage ∆t/∆VCC VCC=7V, RL=1~100kΩ, CL=0.1μF VCC=5V 6 %/C Control Voltage VC 0.35×VCC 0.80×VCC V Threshold Voltage VTH VCC=7V 0.35×VCC 0.80×VCC V Trigger Voltage VTR VCC=7V 0.25×VCC 0.40×VCC V Reset Voltage VRST VCC=7~15V 0.2 1.5 V VCC=7V, IOL=3.2mA 0.6 V Low Output Voltage VOL VCC=15V, IOL=20mA 1.5 V VCC=7V, IOL=0.8mA 5.5 V High Output Voltage VOH VCC=15V, IOL=0.8mA 14 V Rise/Fall Time of Output tTHL, tTLH, VCC=7V, RL=10MΩ, CL=10pF 70 150 ns Guaranteed Max Osc Freq fMAX VCC=7~15V, Astable Operation 200 kHz |
同様の部品番号 - C555_18 |
|
同様の説明 - C555_18 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |