データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE555L-D08-T データシート(PDF) 1 Page - Unisonic Technologies

部品番号 NE555L-D08-T
部品情報  SINGLE TIMER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

NE555L-D08-T データシート(HTML) 1 Page - Unisonic Technologies

  NE555L-D08-T Datasheet HTML 1Page - Unisonic Technologies NE555L-D08-T Datasheet HTML 2Page - Unisonic Technologies NE555L-D08-T Datasheet HTML 3Page - Unisonic Technologies NE555L-D08-T Datasheet HTML 4Page - Unisonic Technologies NE555L-D08-T Datasheet HTML 5Page - Unisonic Technologies NE555L-D08-T Datasheet HTML 6Page - Unisonic Technologies NE555L-D08-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
NE555
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R106-001.G
SINGLE TIMER
DESCRIPTION
The UTC NE555 is a highly stable timer integrated circuit. It can
be operated in both Astable and Monostable mode. With monostable
operation, the time delay is precisely controlled by one external and
one capacitor. With a stable operation as an oscillator the frequency
and duty cycle are both accurately controlled with two external
resistors and one capacitor.
FEATURES
*High current driver capability (=200mA).
*Adjustable duty cycle.
*Timing from
s to hours.
*Turn off time less than 2
s.
*Operates in both astable and monostable modes.
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
NE555L-D08-T
NE555G-D08-T
DIP-8
Tube
-
NE555G-S08-R
SOP-8
Tape Reel
MARKING
DIP-8
SOP-8


同様の部品番号 - NE555L-D08-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
NE555L-D08-T UTC-NE555L-D08-T Datasheet
205Kb / 8P
   SINGLE TIMER
NE555L-D08-T UTC-NE555L-D08-T Datasheet
205Kb / 8P
   SINGLE TIMER
More results

同様の説明 - NE555L-D08-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
   Single Timer
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
logo
Unisonic Technologies
C555 UTC-C555_18 Datasheet
208Kb / 4P
   SINGLE TIMER
C555 UTC-C555 Datasheet
167Kb / 4P
   SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com