データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC18F4520E/ML データシート(PDF) 118 Page - Microchip Technology

部品番号 PIC18F4520E/ML
部品情報  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4520E/ML データシート(HTML) 118 Page - Microchip Technology

Back Button PIC18F4520E/ML Datasheet HTML 114Page - Microchip Technology PIC18F4520E/ML Datasheet HTML 115Page - Microchip Technology PIC18F4520E/ML Datasheet HTML 116Page - Microchip Technology PIC18F4520E/ML Datasheet HTML 117Page - Microchip Technology PIC18F4520E/ML Datasheet HTML 118Page - Microchip Technology PIC18F4520E/ML Datasheet HTML 119Page - Microchip Technology PIC18F4520E/ML Datasheet HTML 120Page - Microchip Technology PIC18F4520E/ML Datasheet HTML 121Page - Microchip Technology PIC18F4520E/ML Datasheet HTML 122Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 390 page
background image
PIC18F2420/2520/4420/4520
DS39631A-page 116
Preliminary
 2004 Microchip Technology Inc.
TABLE 10-8:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTD
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
PORTD
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
52
LATD
PORTD Data Latch Register (Read and Write to Data Latch)
52
TRISD
PORTD Data Direction Control Register
52
TRISE
IBF
OBF
IBOV
PSPMODE
—
TRISE2
TRISE1
TRISE0
52
CCP1CON
P1M1
P1M0
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
51
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by PORTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More