| データシートサーチシステム |
|
PIC18F2420E/MLQTP データシート(PDF) 109 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2420E/MLQTP データシート(HTML) 109 Page - Microchip Technology |
|
109 / 390 page ![]() 2004 Microchip Technology Inc. Preliminary DS39631A-page 107 PIC18F2420/2520/4420/4520 TABLE 10-2: SUMMARY OF REGISTERS ASSOCIATED WITH PORTA Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset Values on page PORTA RA7(1) RA6(1) RA5 RA4 RA3 RA2 RA1 RA0 52 LATA LATA7(1) LATA6(1) PORTA Data Latch Register (Read and Write to Data Latch) 52 TRISA TRISA7(1) TRISA6(1) PORTA Data Direction Control Register 52 ADCON1 — — VCFG1 VCFG0 PCFG3 PCFG2 PCFG1 PCFG0 51 CMCON C2OUT C1OUT C2INV C1INV CIS CM2 CM1 CM0 51 CVRCON CVREN CVROE CVRR CVRSS CVR3 CVR2 CVR1 CVR0 51 Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by PORTA. Note 1: RA7:RA6 and their associated latch and data direction bits are enabled as I/O pins based on oscillator configuration; otherwise, they are read as ‘0’. |