| データシートサーチシステム |
|
PIC18F4520E/MLQTP データシート(PDF) 170 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4520E/MLQTP データシート(HTML) 170 Page - Microchip Technology |
|
170 / 390 page ![]() PIC18F2420/2520/4420/4520 DS39631A-page 168 Preliminary 2004 Microchip Technology Inc. FIGURE 17-5: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 0) FIGURE 17-6: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 1) SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit 7 SDO bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPIF Interrupt (SMP = 0) CKE = 0) CKE = 0) (SMP = 0) Write to SSPBUF SSPSR to SSPBUF SS Flag Optional Next Q4 Cycle after Q2 ↓ bit 0 SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit 7 bit 0 SDO bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPIF Interrupt (SMP = 0) CKE = 1) CKE = 1) (SMP = 0) Write to SSPBUF SSPSR to SSPBUF SS Flag Not Optional Next Q4 Cycle after Q2 ↓ |